Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUEV Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17841BGUEV
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUEV Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17841BGUEV Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 9Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 10Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 11Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 12Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 13Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 14Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Stop Character
The stop character is a framing character that the UART
generates to signal the end of a message. It is transmit-
ted as an unencoded 54h, but it is still a DC-balanced
character.
Manchester Encoding
Each data byte is transmitted as two separate nibbles
(four bits) that are Manchester-encoded. For each data
bit, the first bit represents the information and the
second bit is its complement. The parity is even so its
value should always result in an even number of high
bits. Since the data is Manchester-encoded and there are
twoSTOPbits,theparitybitfordatacharacters(butnot
framingcharacters)shouldalwaysbezero.
Figure 8. UART Timing for a Stop Character
Figure 9. UART Timing for a Manchester-Encoded Data Nibble 0h
OPTIONAL
IDLE
S
0
0
1
0
1
0
1
0
E = 1
P
P
IDLE
DISABLE
OPTIONAL
IDLE
IDLE
ENABLE
OPTIONAL
IDLE
S
0
1
0
1
0
1
0
0
0
0
0
1
E = 0
P
P
IDLE
DISABLE
OPTIONAL
IDLE
DATA NIBBLE = 0h
IDLE
ENABLE
Maxim Integrated │ 11
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com