Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUEV Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17841BGUEV
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUEV Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17841BGUEV Datasheet HTML 1Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 2Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 3Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 4Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 5Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
(VDCIN=5V,VAA = VDDL=3.3V,TA = TMIN to TMAX, unless otherwise noted, where TMIN=-40°CandTMAX=+105°C.Typicalvalues
are at TA=+25°C.Operationiswiththerecommendedapplicationcircuit.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLKFalltoDOUTValid
tDO
30
ns
DINtoSCLKSetupTime
tDS
10
ns
DINtoSCLKHoldTime
tDH
30
ns
UART TIMING
BitPeriodExceptforSecond
STOPBit(Notes3,4)
tBIT
fUART = 2Mbps
8
1/fOSC
fUART = 1Mbps
16
fUART = 0.5Mbps
32
SecondSTOPBitPeriod
(Notes3,4)
tSTOPBIT
fUART = 2Mbps
9
1/fOSC
fUART = 1Mbps
18
fUART = 0.5Mbps
36
Rx Idle to START Setup Time
(Notes3,4)
tRXSTSU
fUART = 2Mbps
0
8
1/fOSC
fUART = 1Mbps
0
16
fUART = 0.5Mbps
0
32
Tx Idle to START Setup Time
(Notes3,4)
tTXSTSU
fUART = 2Mbps
8
1/fOSC
fUART = 1Mbps
16
fUART = 0.5Mbps
32
STOPHoldTimetoIdle
(Notes3,4)
tSPHD
4
1/fOSC
RxMinimumIdleTime(STOP
BittoSTARTBit)(Notes3,4)
tRXIDLESPST
fUART = 2Mbps
8
1/fOSC
fUART = 1Mbps
16
fUART = 0.5Mbps
32
Tx Minimum Idle Time
(Notes3,4)
tTXIDLESPST
10
1/fOSC
RxFallTime(Notes3–5)
tFALL
fUART = 2Mbps
4
1/fOSC
fUART = 1Mbps
8
fUART = 0.5Mbps
16
RxRiseTime(Notes3–5)
tRISE
fUART = 2Mbps
4
1/fOSC
fUART = 1Mbps
8
fUART = 0.5Mbps
16
Startup Time (SHDNHighto
RXPValid)
tSTARTUP
800
2000
µs
OscillatorFrequency
fOSC
15.68
16.00
16.32
MHz
UART MESSAGE TIMING
SPICommandtoTxValidDelay
(Note6)
tTX
4 x tBIT
5 x tBIT
Electrical Characteristics (continued)
Maxim Integrated │ 4
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com