Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUEV Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX17841BGUEV
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUEV Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX17841BGUEV Datasheet HTML 24Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 25Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 26Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 27Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 28Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 29Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 30Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 31Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
RX_INTERRUPT_FLAG REGISTER
ADDRESS
BITS
DEFAULT
NAME
DESCRIPTION
0x08 (Write)
0x09 (Read)
(Notes2,3)
7
0
RX_Error_INT_Flag
InterruptflagforRX_Error_Status
6
0
Reserved
Alwaysreadslogiczero.
5
0
RX_Bus_INT_Flag
InterruptflagforRX_Busy_Status
4
0
RX_Idle_INT_Flag
InterruptflagforRX_Idle_Status
3
0
RX_Overflow_INT_Flag
InterruptflagforRX_Overflow_Status
2
0
RX_Full_INT_Flag
InterruptflagforRX_Full_Status
1
0
RX_Stop_INT_Flag
InterruptflagforRX_Stop_Status
0
0
RX_Empty_INT_Flag
InterruptflagforRX_Empty_Status
TX_INTERRUPT_FLAG REGISTER
0x0A (Write)
0x0B (Read)
(Notes2,3)
7
1
POR_Flag
Set by power-on-reset event and cleared only by
writingtologiczero.HasnoeffectonstateoftheINT
pin.
6
0
Reserved
Alwaysreadslogiczero.
5
0
TX_Busy_INT_Flag
InterruptflagforTX_Busy_Status
4
0
TX_Idle_INT_Flag
InterruptflagforTX_Idle_Status
3
0
TX_Overflow_INT_Flag
InterruptflagforTX_Overflow_Status
2
0
TX_Full_INT_Flag
InterruptflagforTX_Full_Status
1
0
TX_Available_INT_Flag
InterruptflagforTX_Available_Status
0
0
TX_Empty_INT_Flag
InterruptflagforTX_Empty_Status
CONFIGURATION_1 REGISTER
0x0C (Write)
0x0D(Read)
7
0
Single_Ended_Mode
EnablestheUARTtoreceiveasingle-ended
signalbyshiftingtheinputthresholdnegative(zero
differentialvoltageisalogicone).Inthismode,the
RXP input should be connected to ground and the
RXNinputshouldreceivetheinvertedsignal,same
asfordifferentialmode.Inthismode,theTxport
operatesthesameasindifferentialmode.Defaultis
differentialmode.
6:5
11
Baud_Rate[1:0]
ConfigurestheUARTbaudrateasfollows:
00 = 500kbps
01 = 500kbps
10 = 1Mbps
11 = 2Mbps (default)
4:0
0
Device_Count[4:0]
NotusedbytheASCI.Canbeusedbythehostto
store the device count or for general-purpose use.
Register Table (continued)
Maxim Integrated │ 28
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com