Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUEV Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX17841BGUEV
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUEV Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX17841BGUEV Datasheet HTML 11Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 12Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 13Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 14Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 15Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 16Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 17Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 18Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Transmit Buffer
The transmit buffer memory map is shown below. It con-
sists of four fixed-length queues, which the host uses to
store outgoing messages. At any time, one of the queues
is designated as the load queue (the queue being loaded)
and one of the queues is designated as the transmit
queue (the queue being unloaded). The load queue is
selected by the two-bit register LD_Q and the transmit
queue is selected by the two-bit register TX_Q. Each
queue consists of seven bytes.
Transmit Buffer Queues
In each queue, location 0 is reserved for the message
length and the remaining six locations are for specific
message data. The default state of each queue is as
shown in Table 7.
Clearing the Transmit Buffer
During UART initialization, it is recommended that the
host reset the transmit buffer by issuing the CLR_TX_BUF
SPI transaction (20h). This resets the transmit buffer as follows:
● TX_Q[1:0]=00b
● LD_Q[1:0]=00b
● Data in transmit buffer (28 bytes) is reset to default
state per Table 7.
Message Length
Before composing any message, the host should
compute the message’s length (in bytes, not characters)
based on both the type of command (read or write) and
the device count. The message length should include any
required fill bytes (but not preamble and stop characters).
The host writes the message length into location 0 of the
load queue, but if the specified message length is greater
than 62d, only 62d (3Eh) is actually written. If the TX_
Unlimited = 1, then the maximum message length written
is increased to 255d (FFh), but the host must service the
receive buffer accordingly to avoid any possible overflow.
If the specified message length is greater than 6 bytes, the
UART automatically appends alternating fill bytes (D3h,
C2h) as required by the battery management UART proto-
col during the latter portion of the message transmission.
Figure 11. Transmit Buffer Memory Map
Table 7. Queue Memory Map
LOCATION
DESCRIPTION
DEFAULT
VALUE
MAXIMUM DEFAULT PERMITTED
TX_UNLIMITED = 0
TX_UNLIMITED = 1
0
Message length
00h
3Eh
FFh
1
Databytesand/orfill
bytes
D3h
FFh
FFh
2
C2h
3
D3h
4
C2h
5
D3h
6
C2h
Tx BUFFER MEMORY MAP
0 0 1 0 1
QUEUE 0
TRANSMIT QUEUE
DATA TO UART (Tx)
8 BITS
Q
00
BYTE
000
01
000
10
000
11
000
11
110
7 BYTES
QUEUE 1
(LD COMPLETE
Tx PENDING)
7 BYTES
QUEUE 2
(LOAD QUEUE)
DATA TO/FROM HOST
7 BYTES
QUEUE 3
(EMPTY)
7 BYTES
TX_POINTER
UART CONTROLS
INCREMENT
LD_POINTER
HOST CONTROLS
INCREMENT THROUGH SPI
TX_Q [1:0]
READ ONLY
LOCATION [2:0]
INTERNAL
1 0 0 1 0
LD_Q [1:0]
READ ONLY
LOCATION [2:0]
INTERNAL
QUEUE 0 IS THE TRANSMIT QUEUE IN THIS EXAMPLE
QUEUE 2 IS THE LOAD QUEUE IN THIS EXAMPLE
TRANSMIT BUFFER ADDRESSING
Maxim Integrated │ 15
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com