Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUEV Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX17841BGUEV
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUEV Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX17841BGUEV Datasheet HTML 15Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 16Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 17Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 18Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 19Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 20Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 21Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 22Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
should be checked again for data errors (e.g., parity errors)
prior to initiating transmission of the next message.
If multiple messages are received without being read,
thenanoverflowcanoccurandtheUARTsetstheRX_
Overflow_Status bit.This occurs when the write pointer
has incremented until it is one less than the read pointer,
at which point the UART no longer increments it. In this
case, the last data byte is overwritten.
Reading Messages
The host can use two different SPI transactions to read
the receive buffer:
● RD_RX_BUF(91h):Startsreadingatthecurrentread
pointer location
● RD_NXT_MSG(93h):Startsreadingatthestartofthe
next unread message
Duringanyreadtransaction,thehostmaycontinueread-
ing data until the end of the message, after which the data
read will be 00h. The host cannot continue reading into
the next message, if there is one.
During any read transaction, the UART increments the
read pointer after the data byte is read so that if the SPI
transaction is prematurely terminated in the middle of
the byte, then the same location is resent on the next
RD_MSGSPItransaction.Thisallowsthehosttostopa
readandrestartitwithoutlosingdata.Eachbyteinthe
buffer is cleared after it is read and is eventually available
to the UART for storing incoming data.
Applications Information
Transaction Sequence for UART Initialization
In the example shown in Table 10,thehostinitializescom-
munication with two UART slave devices. SHDN must be
deassertedfirst.TransactionstopollRX_STATUSregis-
ter are repeated until the poll is successful or times out.
It is recommended that all writes to configuration registers
be verified by reading back the register data. Transmit
buffer data can be verified by reading the buffer contents
or by reading the transmitted data in the receive buffer.
Transaction Sequence for UART Write and
Read
In the example shown in Table 11, the host communicates
with two UART slave devices to:
● WritethevalueB2B1htothedeviceregisteraddress
0x12 for all slave devices using a WRITEALL com-
mand sequence
● ReadbackthevalueB2B1hfromthedeviceregister
address 0x12 for all slave devices using READALL
command sequence.
This example assumes that the slave devices have been
configured with the alive counter enabled. To execute
these two command sequences, the host performs the
SPI transactions listed in Table 11.
Table 10. UART Daisy-Chain Initialization Sequence
DIN
DOUT
DESCRIPTION
TRANSACTION 1
EnableKeep-Alivemode(priortotheUARTslavewake-uptopreventshutdown)
10h
xxh
WriteConfiguration3register
05h
xxh
Set keep-alive period to 160µs
TRANSACTION 2
EnableRxInterruptflagsforRX_ErrorandRX_Overflow
04h
xxh
WriteRX_Interrupt_Enableregister
88h
xxh
SettheRX_Error_INT_EnableandRX_Overflow_INT_Enablebits
TRANSACTION 3
Clearreceivebuffer
E0h
xxh
Clearreceivebuffer
TRANSACTION 4
Wake-up UART slave devices (transmit preambles)
0Eh
xxh
WriteConfiguration2register
30h
xxh
EnableTransmitPreamblesmode
TRANSACTION 5
WaitforallUARTslavedevicestowakeup(pollRX_Busy_Statusbit)
01h
xxh
ReadRX_Statusregister(RX_Busy_StatusandRX_Empty_Statusshouldbetrue)
xxh
21h
IfRX_Status=21h,continue.Otherwise,repeattransactionuntiltrueortimeout.
TRANSACTION 6
EndofUARTslavedevicewake-upperiod
0Eh
xxh
WriteConfiguration2register
10h
xxh
DisableTransmitPreamblesmode
Maxim Integrated │ 19
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com