Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6981 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6981
Description  38 V, 1.5 A synchronous step-down converter with low quiescent current
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6981 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6981 Datasheet HTML 6Page - STMicroelectronics L6981 Datasheet HTML 7Page - STMicroelectronics L6981 Datasheet HTML 8Page - STMicroelectronics L6981 Datasheet HTML 9Page - STMicroelectronics L6981 Datasheet HTML 10Page - STMicroelectronics L6981 Datasheet HTML 11Page - STMicroelectronics L6981 Datasheet HTML 12Page - STMicroelectronics L6981 Datasheet HTML 13Page - STMicroelectronics L6981 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Figure 6. Soft-start phase with IOUT = 1.25 A
6.3
Undervoltage lockout
The device implements the undervoltage lockout (UVLO) continuously sensing the voltage on the VCC pin, if the
UVLO lasts more than 10 μs, the internal logic resets the device by turning off both LS and HS.
After the reset, if the EN pin is still high, the device repeats the soft-start procedure.
6.4
Light-load operation
The L6981 implements two different light-load strategies:
1.
Low consumption mode (LCM).
2.
Low noise mode (LNM).
Please refer to Table 11 to select the part number with the preferred light-load strategy.
6.4.1
Low consumption mode (LCM)
The LCM maximizes the efficiency at light-load.
When the switch peak current request is lower than the ISKIP threshold (please refer to Electrical characteristics
table), the device regulates VOUT by the skip threshold. The minimum voltage is given by:
VOUT, LCM= VFB, LCM∙RPH+RPL
RPL
(1)
Where VFB, LCM is 1.8% (typ.) higher than VFB.
The device interrupts the switching activities when two conditions happen together:
1.
The peak inductor current required is lower than ISKIP.
2.
The voltage on the FB pin is higher than VFB, LCM.
L6981
Undervoltage lockout
DS13554 - Rev 1
page 10/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com