Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6981 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6981
Description  38 V, 1.5 A synchronous step-down converter with low quiescent current
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6981 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6981 Datasheet HTML 10Page - STMicroelectronics L6981 Datasheet HTML 11Page - STMicroelectronics L6981 Datasheet HTML 12Page - STMicroelectronics L6981 Datasheet HTML 13Page - STMicroelectronics L6981 Datasheet HTML 14Page - STMicroelectronics L6981 Datasheet HTML 15Page - STMicroelectronics L6981 Datasheet HTML 16Page - STMicroelectronics L6981 Datasheet HTML 17Page - STMicroelectronics L6981 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
6.4.2
Low noise mode (LNM)
The low noise mode implements a forced PWM operation over the different loading conditions. The LNM features
a constant switching frequency to minimize the noise in the final application and a constant voltage ripple at fixed
VIN.
The regulator in steady loading condition operates in continuous conduction mode (CCM) over the different
loading conditions.
The triangular shape current ripple (with zero average value) flowing into the output capacitor gives the output
voltage ripple, that depends on the capacitor value and the equivalent resistive component (ESR). Consequently,
the output capacitor has to be selected in order to have a voltage ripple compliant with the application
requirements.
VOUT RIPPLE=ESR∙∆ILMAX+ ∆ILMAX
8∙COUT∙fSW 
(3)
Usually the resistive component of the ripple can be neglected if the selected output capacitor is a multi-layer
ceramic capacitor (MLCC).
Figure 13. Low noise mode operation at zero load
L6981
Light-load operation
DS13554 - Rev 1
page 14/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com