Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6981 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6981
Description  38 V, 1.5 A synchronous step-down converter with low quiescent current
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6981 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6981 Datasheet HTML 11Page - STMicroelectronics L6981 Datasheet HTML 12Page - STMicroelectronics L6981 Datasheet HTML 13Page - STMicroelectronics L6981 Datasheet HTML 14Page - STMicroelectronics L6981 Datasheet HTML 15Page - STMicroelectronics L6981 Datasheet HTML 16Page - STMicroelectronics L6981 Datasheet HTML 17Page - STMicroelectronics L6981 Datasheet HTML 18Page - STMicroelectronics L6981 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
6.4.3
Efficiency for Low consumption mode and Low noise mode part number
Figure 14 and Figure 15 report the efficiency measurements to highlight the gap at the light-load between LNM
and LCM part numbers. The graph reports also the same efficiency at the medium / high load.
Figure 14. Light-load efficiency for low consumption mode and low noise mode - linear scale
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
IOUT [A]
LCM
LNM
VIN = 24 [V]; VOUT = 5 [V]; FSW = 400 [ KHz ]
Figure 15. Light-load efficiency for low consumption mode and low noise mode - log scale
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
IOUT [A]
VIN = 24 [V]; VOUT = 5 [V]; FSW = 400 [KHz]
LCM
LNM
L6981
Light-load operation
DS13554 - Rev 1
page 15/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com