Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6981 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6981
Description  38 V, 1.5 A synchronous step-down converter with low quiescent current
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6981 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6981 Datasheet HTML 26Page - STMicroelectronics L6981 Datasheet HTML 27Page - STMicroelectronics L6981 Datasheet HTML 28Page - STMicroelectronics L6981 Datasheet HTML 29Page - STMicroelectronics L6981 Datasheet HTML 30Page - STMicroelectronics L6981 Datasheet HTML 31Page - STMicroelectronics L6981 Datasheet HTML 32Page - STMicroelectronics L6981 Datasheet HTML 33Page - STMicroelectronics L6981 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Table 9. Bill of material
Reference
Part number
Description
Manufacturer
C1
C3216X7R1H106K160AC
10 µF
TDK
C2
CGA4J3X7R1H105K125AB
1 µF
TDK
C3
1 µF
C4
GRJ32EC71E226KE11
22 µF
Murata
C6
n.m.
C5
C3216X7R1H106K160AC
10 µF
TDK
C7
100 nF
C8
10 pF
C9
n.m.
C10
n.m.
C11, C12, C14
GRM31CR71H475KA12
4.7 µF
Murata
C13
n.m.
L1
MSS1038T-333ML
33 µH
Coilcraft
L2
n.m.
L3
MPZ2012S221AT000
220 Ω, 100 MHz
TDK
L4
XAL4030-472ME
4.7 µH
Coilcraft
R1
0 Ω
R2
402 kΩ
R3
82.5 kΩ
R4
10 kΩ
R5
n.m.
R6
n.m.
U1
L6981
STMicroelectronics
L6981
Application board
DS13554 - Rev 1
page 30/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com