Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6981 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6981
Description  38 V, 1.5 A synchronous step-down converter with low quiescent current
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6981 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6981 Datasheet HTML 12Page - STMicroelectronics L6981 Datasheet HTML 13Page - STMicroelectronics L6981 Datasheet HTML 14Page - STMicroelectronics L6981 Datasheet HTML 15Page - STMicroelectronics L6981 Datasheet HTML 16Page - STMicroelectronics L6981 Datasheet HTML 17Page - STMicroelectronics L6981 Datasheet HTML 18Page - STMicroelectronics L6981 Datasheet HTML 19Page - STMicroelectronics L6981 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
6.4.4
Load regulation for low consumption mode and low noise mode part number
Figure 16 and Figure 17 report the load regulation to highlight the gap, given by the different regulation strategy,
at the light-load between LNM and LCM part numbers. When the required IOUT is higher than the threshold
defined in the Low consumption mode (LCM) paragraph, the behavior of the different part numbers is the same.
Figure 16. Load regulation for LCM and LNM. VIN = 24 V; VOUT = 5 V; FSW = 400 KHz - linear scale
-0.5
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
IOUT [A]
VIN = 24 [V]; VOUT = 5 [V]; FSW = 400 [KHz]
LCM
LNM
Figure 17. Load regulation for low noise mode. VIN = 24 V; VOUT = 5 V; FSW = 400 KHz - log scale
-0.5
0
0.5
1
1.5
2
2.5
0.0001
0.001
0.01
0.1
1
IOUT [A]
VIN = 24 [V]; VOUT = 5 [V]; FSW = 400 [KHz]
LCM
LNM
6.5
Overvoltage protection
The overvoltage is a second level protection, and it should never be triggered in normal operating conditions if the
system is properly dimensioned. In other words, the selection of the external power components and the dynamic
performance determined by the compensation network should guarantee an output voltage regulation within the
overvoltage threshold even during the worst-case scenario in terms of load transitions. The protection is reliable
and able to operate even during normal load transitions for a system whose dynamic performance is not in line
with the load dynamic request. Consequently, the output voltage regulation would be affected.
L6981
Overvoltage protection
DS13554 - Rev 1
page 16/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com