Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536ALY Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAXM17536ALY
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALY Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAXM17536ALY Datasheet HTML 10Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 11Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 12Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 13Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 14Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 15Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 16Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 17Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Functional Diagrams
Internal Diagram
SGND
INLDO
EXTVCC
LX
IN
PGND
BST
MODE/
SYNC
SS
HICCUP
FB
PEAK
CURRENT-
MODE
CONTROLLER
RT
EN/UVLO
CF
FB
SWITCHOVER
LOGIC
ERROR AMPLIFIER/
LOOP COMPENSATION
MODE
SELECTION
LOGIC
OSCILLATOR
SLOPE
COMPENSATION
CURRENT-SENSE
LOGIC
MAXM17536
HICCUP
1.215V
5μA
DL
LDO
LDO
SELECT
4.7µH
4.7Ω
0.22µF
OUT
0.1µF
1µF
1µF
2.2µF
3.32MΩ
4.7Ω
0.1µF
EN/UVLO
RESET
VCC
VCC
RESET
LOGIC
www.maximintegrated.com
Maxim Integrated │ 14
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com