Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536ALY Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAXM17536ALY
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALY Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAXM17536ALY Datasheet HTML 14Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 15Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 16Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 17Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 18Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 19Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 20Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 21Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Component Selection Table
Table 1. Selection Component Values
Power Dissipation
The power dissipation inside the module leads to increase
in the junction temperature of the MAXM17536. The
power loss inside the module at full load can be estimated
as follows:
2
OUT
LOSS
OUT
OUT
A
OUT
IN
P
1
PP
1
1000 V
45.15 21.67
(1 0.0043 T )
VV

=
−−
×

η×

+
××
−
where:
POUT = Total output power
VOUT = Output voltage
VIN = Input voltage
η is the efficiency of the power module at the desired
operating conditions. See the Typical Operating
Characteristics for the power-conversion efficiency or
measure the efficiency to determine the total power
dissipation. The junction temperature (TJ) of the module
can be estimated at any given maximum ambient
temperature (TA) from the following equation:
TJ = TA + (θJA x PLOSS)
For the MAXM17536 evaluation board, the thermal
resistance from junction-to-ambient (θJA) is 24°C/W.
Operating the module at junction temperatures greater
than +125°C degrades operating lifetimes. An EE-SIM
model is available for the MAXM17536 to simulate
efficiency and power loss for the desired operating condi-
tions.
VIN
(V)
VOUT
(V)
CIN
COUT
R1
(kΩ)
R2
(kΩ)
fSW
(kHz)
RRT
(kΩ)
4.5 to 16
0.9
4 x 4.7µF, 1206, X7R, 50V
12 x 47μF, 1210, X7R, 10V
33.2
Open
300
61.9
4.5 to 17
1.2
4 x 4.7µF, 1206, X7R, 50V
9 x 47μF, 1210, X7R, 10V
39.2
118
400
45.3
4.5 to 21
1.5
4 x 4.7µF, 1206, X7R, 50V
7 x 47μF, 1210, X7R, 10V
52.3
78.7
400
45.3
4.5 to 26
1.8
4 x 4.7µF, 1206, X7R, 50V
5 x 47μF, 1210, X7R, 10V
71.5
71.5
400
45.3
4.5 to 35
2.5
4 x 4.7µF, 1206, X7R, 50V
5 x 47μF, 1210, X7R, 10V
57.6
32.4
400
45.3
4.5 to 60
3.3
4 x 4.7µF, 1206, X7R, 100V
4 x 47μF, 1210, X7R, 10V
121
45.3
300
61.9
7 to 60
5
4 x 4.7µF, 1206, X7R, 100V
3 x 22μF, 1210, X7R, 25V
174
38.3
450
Open
11 to 60
8
4 x 4.7µF, 1206, X7R, 100V
3 x 22μF, 1210, X7R, 25V
294
37.4
750
24
16 to 60
12
4 x 4.7µF, 1206, X7R, 100V
3 x 22μF, 1210, X7R, 25V
340
27.4
900
19.6
Figure 1. Setting the Input-Undervoltage Lockout
Figure 2. Setting the Output Voltage
EN/UVLO
SGND
MAXM17536
R3
FB
SGND
MAXM17536
R1
R2
VOUT
www.maximintegrated.com
Maxim Integrated │ 19
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com