Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536ALY Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXM17536ALY
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALY Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXM17536ALY Datasheet HTML 1Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 2Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 3Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 4Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 5Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 6Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 7Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 8Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
(VIN = VEN/UVLO = 24V, RRT = OPEN (450kHz), VPGND = VSGND = VMODE/SYNC = 0V, LX = SS = RESET = CF = DL = VCC = OUT =
open, VEXTVCC = 0V, VBST to VLX = 5V, VFB = 1V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to SGND, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOW DROPOUT (INLDO)
VCC Output Voltage
Range
VCC
6V < VIN < 60V, IVCC = 1mA
4.75
5
5.25
V
1mA < IVCC < 45mA
4.75
5
5.25
VCC Current Limit
IVCC_MAX
VCC = 4.3V, VIN = 7V
50
90
150
mA
IN to VCC Dropout
VCC_DO
VIN = 4.5V, IVCC = 45mA
0.4
V
VCC UVLO
VCC_UVR
VCC rising
4.1
4.2
4.3
V
VCC_UVF
VCC falling
3.7
3.8
3.9
LOW DROPOUT (EXTVCC)
EXTVCC
Operating Voltage Range
4.84
24
V
EXTVCC Switchover
Voltage
Rising
4.56
4.7
4.84
V
Falling
4.33
4.45
4.6
EXTVCC to VCC Dropout
VEXTVCC_DO VEXTVCC = 5V, IEXTVCC = 45mA
0.6
V
EXTVCC Current Limit
IEXTVCC_MAX VCC = 4.3V, EXTVCC = 8V
45
85
140
mA
SOFT-START (SS)
Charging Current
ISS
VSS = 0.5V
4.7
5
5.3
μA
OUTPUT SPECIFICATIONS
Line Regulation Accuracy
VIN = 7V to 60V, VOUT = 5V
0.16
mV/V
Load Regulation
Accuracy
Tested with IOUT = 0A to 4A at VOUT = 5V
1
mV/A
FB Regulation Voltage
VFB_REG
MODE/SYNC = SGND or MODE = VCC
0.8875
0.9
0.9135
V
MODE/SYNC = OPEN
0.8875
0.915
0.936
FB Input Bias Current
IFB
0 < VFB < 1V
-75
+75
nA
FB Undervoltage Trip
Level to Cause Hiccup
VFB_HICF
0.55
0.58
0.61
V
HICCUP Timeout
32768
Cycles
MODE/SYNC PIN
MODE Threshold
VM_DCM
MODE/SYNC = VCC (DCM mode)
VCC - 0.6
V
VM_PFM
MODE/SYNC = OPEN (PFM mode)
VCC/2
VM_PWM
MODE/SYNC = GND (PWM mode)
0.6
SYNC Frequency-
Capture Range
fSW set by RRT
1.1 x fSW
1.4 x fSW
kHz
SYNC Pulse Width
50
ns
SYNC Threshold
VIH
2.0
V
VIL
0.8
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 3
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com