Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536ALY Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAXM17536ALY
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALY Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAXM17536ALY Datasheet HTML 14Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 15Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 16Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 17Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 18Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 19Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 20Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 21Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PART NUMBER
TEMP RANGE
PIN-PACKAGE
MAXM17536ALY#
-40°C to +125°C
29 SiP
MAXM17536ALY#T
-40°C to +125°C
29 SiP
#Denotes a RoHS-compliant device that may include lead(Pb)
that is exempt under the RoHS requirements.
T = Tape and reel.
OUT
FB
SS
PGND
C5
VCC
C1 ,C2 ,C3 ,C4: GRM31CZ72A475KE11L
EN/UVLO
IN
4.5V TO 60V
VIN
SGND
3.3V, 4A
VOUT
MAXM17536
MODE/SYNC
CF
EXTVCC
LX
RT
BST
DL
CSS
C7
C6
47µF 47µF
47µF
C5, C6, C7, C8: GRM32ER71A476KE15L
CF
2.2pF
C8
47µF
4.7µF 4.7µF
45.3kΩ
R1
121kΩ
R3
61.9kΩ
22nF
1.3MΩ
C1
4.7µF 4.7µF
C2
C3
C4
R2
R4
RESET
Typical Application Circuits (continued)
Typical Application Circuit 3.3V
Ordering Information
www.maximintegrated.com
Maxim Integrated │ 21
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com