Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536ALY Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAXM17536ALY
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALY Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAXM17536ALY Datasheet HTML 14Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 15Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 16Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 17Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 18Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 19Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 20Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 21Page - Maxim Integrated Products MAXM17536ALY Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
PCB Layout Guidelines
● All connections carrying pulsed currents must be
very short and as wide as possible. The inductance
of these connections must be kept to an absolute
minimum due to the high di/dt of the currents. Since
inductance of a current carrying loop is proportional to
the area enclosed by the loop, if the loop area is made
very small, inductance is reduced. Additionally, small
current-loop areas reduce radiated EMI.
● A ceramic input-filter capacitor should be placed close
to the IN pins of the module. This eliminates as much
trace-inductance effects as possible and gives the
module a cleaner voltage supply.
● PCB layout also affects the thermal performance of
the design. A number of thermal vias that connect to
a large ground plane should be provided under the
exposed pad of the part, for efficient heat dissipation.
● For a sample layout that ensures first pass success,
refer to the MAXM17536 evaluation kit PCB layout
available at
www.maximintegrated.com.
OUT
FB
SS
PGND
VCC
EN/UVLO
IN
7V to 60V
SGND
5V, 4A
VOUT
MAXM17536
MODE/SYNC
CF
EXTVCC
LX
RT
BST
DL
2.2pF
CF
47µF 47µF 47µF
VIN
4.7µF 4.7µF
C1
4.7µF 4.7µF
C2
C3
C4
R3
715kΩ
CSS
22nF
RESET
38.3kΩ
R1
174kΩ
R2
C5
C7
C6
C1,C2,C3,C4: GRM31CZ72A475KE11L
C5,C6,C7: GRM32ER71A476KE15L
Typical Application Circuits
Typical Application Circuit for 5V Output
www.maximintegrated.com
Maxim Integrated │ 20
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com