Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 20Page - Microchip Technology MCP1650 Datasheet HTML 21Page - Microchip Technology MCP1650 Datasheet HTML 22Page - Microchip Technology MCP1650 Datasheet HTML 23Page - Microchip Technology MCP1650 Datasheet HTML 24Page - Microchip Technology MCP1650 Datasheet HTML 25Page - Microchip Technology MCP1650 Datasheet HTML 26Page - Microchip Technology MCP1650 Datasheet HTML 27Page - Microchip Technology MCP1650 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 25
MCP1650/51/52/53
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device
MCP1650: 750 kHz Boost Controller
MCP1651: 750 kHz Boost Controller
MCP1652: 750 kHz Boost Controller
MCP1653: 750 kHz Boost Controller
UVLO Options
R
= 2.0V
S
= 2.55V
Temperature Range
E
= -40
°C to +125°C
Package
MS
= Plastic Micro Small Outline (MSOP), 8-lead
UN
= Plastic Micro Small Outline (MSOP), 10-lead
PART NO.
X
XX
Package
Temperature
Range
Device
X
UVLO
Options
Examples:
a)
MCP1650R-E/MS:
2.0V Option
b)
MCP1650RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1650S-E/MS:
2.55V Option
d)
MCP1650ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1651R-E/MS:
2.0V Option
b)
MCP1651RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1651S-E/MS:
2.55V Option
d)
MCP1651ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1652R-E/MS:
2.0V Option
b)
MCP1652RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1652S-E/MS:
2.55V Option
d)
MCP1652ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1653R-E/UN:
2.0V Option
b)
MCP1653RT-E/UN:
2.0V Option,
Tape and Reel
c)
MCP1653S-E/UN:
2.55V Option
d)
MCP1653ST-E/UN:
2.55V Option,
Tape and Reel
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com