Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 15Page - Microchip Technology MCP1650 Datasheet HTML 16Page - Microchip Technology MCP1650 Datasheet HTML 17Page - Microchip Technology MCP1650 Datasheet HTML 18Page - Microchip Technology MCP1650 Datasheet HTML 19Page - Microchip Technology MCP1650 Datasheet HTML 20Page - Microchip Technology MCP1650 Datasheet HTML 21Page - Microchip Technology MCP1650 Datasheet HTML 22Page - Microchip Technology MCP1650 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 19
MCP1650/51/52/53
5.2.4
INPUT/OUTPUT CAPACITOR
SELECTION
There are no special requirements on the input or
output capacitor. For most applications, ceramic
capacitors or low effective series resistance (ESR) tan-
talum capacitors will provide lower output ripple voltage
than aluminum electrolytic. Care must be taken not to
exceed the manufacturer’s rated voltage or ripple cur-
rent specifications. Low-value capacitors are desired
because of cost and size, but typically result in higher
output ripple voltage.
The input capacitor size is dependant on the source
impedance
of
the
application.
The
hysteretic
architecture of the MCP1650/51/52/53 boost converter
can draw relatively high input current peaks at certain
line and load conditions. Small input capacitors can
produce a large ripple voltage at the input of the
converter, resulting in unsatisfactory performance.
The output capacitor plays a very important role in the
performance of
the
hysteretic
gated
oscillator
converter. In some cases, using ceramic capacitors
can result in higher output ripple voltage. This is a
result of the low ESR that ceramic capacitors exhibit.
As shown in the application schematics, 100 milli-ohms
of ESR in series with the ceramic capacitor will actually
reduce the output ripple voltage and peak input cur-
rents for some applications. The selection of the capac-
itor and ESR will largely determine the output ripple
voltage.
5.2.5
LOW BATTERY DETECTION
For low battery detection, the MCP1651 or MCP1653
device should be used. The low-battery detect feature
compares the low battery input (LBI) pin to the internal
1.22V reference. If the LBI input is below the LBI
threshold voltage, the low battery output (LBO) pin will
sink current (up to 10 mA) through the internal open-
drain MOSFET. If the LBI input voltage is above the LBI
threshold, the LBO output pin will be open or high
impedance.
5.2.6
POWER GOOD OUTPUT
For power good detection, the MCP1652 or MCP1653
device is ideal. The power good feature compares the
voltage on FB pin to the internal reference (±15%). If
the FB pin is more than 15% above or below the power
good threshold, the PG output will sink current through
the internal open-drain MOSFET. If the output of the
regulator is within ±15% of the output voltage, the PG
pin will be open or high-impedance.
5.2.7
EXTERNAL COMPONENT
MANUFACTURES
Inductors:
Sumida®
Corporation
http://www.sumida.com/
Coilcraft®
http://www.coilcraft.com
BH Electronics®
http://www.bhelectronics.com
Pulse
Engineering®
http://www.pulseeng.com/
Coiltronics®
http://www.cooperet.com/
Capacitors
MuRata®
http://www.murata.com/
Kemet®
http://www.kemet.com/
Taiyo-Yuden
http://www.taiyo-yuden.com/
AVX®
http://www.avx.com/
MOSFETs and Diodes:
International
Rectifier
http://www.irf.com/
Vishay®/Siliconix
http://www.vishay.com/com-
pany/brands/siliconix/
ON
Semiconductor®
http://www.onsemi.com/
Fairchild
Semiconductor®
http://www.fairchildsemi.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com