Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 3Page - Microchip Technology MCP1650 Datasheet HTML 4Page - Microchip Technology MCP1650 Datasheet HTML 5Page - Microchip Technology MCP1650 Datasheet HTML 6Page - Microchip Technology MCP1650 Datasheet HTML 7Page - Microchip Technology MCP1650 Datasheet HTML 8Page - Microchip Technology MCP1650 Datasheet HTML 9Page - Microchip Technology MCP1650 Datasheet HTML 10Page - Microchip Technology MCP1650 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 7
MCP1650/51/52/53
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = 3.3V, VOUT =12V, CIN = 10 µF (x5R or X7R Ceramic), COUT = 10 µF (X5R or X7R),
IOUT = 10 mA, L = 3.3 µH, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
Input Quiescent Current vs.
Ambient Temperature.
FIGURE 2-3:
Oscillator Frequency vs.
Input Voltage.
FIGURE 2-4:
Oscillator Frequency vs.
Ambient Temperature.
FIGURE 2-5:
Duty Cycle Switch-Over
Voltage vs. Ambient Temperature.
FIGURE 2-6:
Duty Cycle Switch-Over
Hysteresis Voltage vs. Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
50
75
100
125
150
175
200
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
ILOAD = 0 mA
50
75
100
125
150
175
200
-40 -25 -10
5
20
35
50
65
80
95
110 125
Ambient Temperature (°C)
VIN = 2.0V
ILOAD = 0 mA
VIN = 5.5V
VIN = 4.1V
VIN = 2.7V
700
720
740
760
780
800
2.7
3
3.3 3.6
3.9 4.2
4.5
4.8 5.1
5.4
5.7
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
720
740
760
780
800
820
840
-40 -25 -10
5
20
35
50
65
80
95 110 125 140
Ambient Temperature (°C)
VIN = 2.0V
VIN = 5.5V
VIN = 4.1V
VIN = 2.7V
3.75
3.76
3.77
3.78
3.79
3.80
3.81
3.82
3.83
3.84
3.85
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = Rising
90.0
90.5
91.0
91.5
92.0
92.5
93.0
93.5
94.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com