Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 7Page - Microchip Technology MCP1650 Datasheet HTML 8Page - Microchip Technology MCP1650 Datasheet HTML 9Page - Microchip Technology MCP1650 Datasheet HTML 10Page - Microchip Technology MCP1650 Datasheet HTML 11Page - Microchip Technology MCP1650 Datasheet HTML 12Page - Microchip Technology MCP1650 Datasheet HTML 13Page - Microchip Technology MCP1650 Datasheet HTML 14Page - Microchip Technology MCP1650 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 11
MCP1650/51/52/53
Note: Unless otherwise indicated, VIN = 3.3V, VOUT = 12V, CIN = 10 µF (x5R or X7R Ceramic), COUT = 10 µF (X5R or X7R),
IOUT = 10 mA, L = 3.3 µH, SHDN > VIH, TA = +25°C.
FIGURE 2-25:
PG Threshold and
Hysteresis Percentage vs. Input Voltage.
FIGURE 2-26:
PG Output Voltage vs. Sink
Current.
FIGURE 2-27:
PG Timing.
FIGURE 2-28:
Current Sense Threshold
vs. Input Voltage.
FIGURE 2-29:
VEXT High Output Voltage
vs. Input Voltage.
FIGURE 2-30:
VEXT Low Output Voltage
vs. Input Voltage.
-20
-15
-10
-5
0
5
10
15
20
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
Input Voltage (V)
PGTH(HIGH)
TA = 25°C
PGTH(LOW)
PGTH(Hysteresis)
0
50
100
150
200
250
02468
10
PG Output Sink Current (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
104
106
108
110
112
114
116
22.533.544.555.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
0.0
4.0
8.0
12.0
16.0
20.0
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
22.5
33.544.5
55.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com