Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 11Page - Microchip Technology MCP1650 Datasheet HTML 12Page - Microchip Technology MCP1650 Datasheet HTML 13Page - Microchip Technology MCP1650 Datasheet HTML 14Page - Microchip Technology MCP1650 Datasheet HTML 15Page - Microchip Technology MCP1650 Datasheet HTML 16Page - Microchip Technology MCP1650 Datasheet HTML 17Page - Microchip Technology MCP1650 Datasheet HTML 18Page - Microchip Technology MCP1650 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 15
MCP1650/51/52/53
5.0
APPLICATION CIRCUITS/
ISSUES
5.1
Typical Applications
The MCP1650/51/52/53 boost controller can be used in
several different configurations and in many different
applications. For applications that require minimum
space, low cost and high efficiency, the MCP1650/51/
52/53 product family is a good choice. It can be used in
boost, buck-boost, Single-Ended Primary Inductive
Converters (SEPIC), as well as in flyback converter
topologies.
5.1.1
NON-BOOTSTRAP BOOST
APPLICATIONS
Non-bootstrap applications are typically used when the
output voltage is boosted to a voltage that is higher
than the rated voltage of the MCP1650/51/52/53. For
non-bootstrap applications, the input voltage is
connected to the boost inductor through the optional
current sense resistor and the VIN pin of the MCP1650/
51/52/53. For this type of application, the S-option
devices (UVLO at 2.55V, typical) should be used. The
gated oscillator duty cycle will be dependant on the
value of the voltage on VIN. If VIN > 3.8V, the duty cycle
will be 56%. If VIN < 3.8V, the duty cycle will be 80%.
In non-bootstrap applications, output voltages of over
100V can be generated. Even though the MCP1650/
51/52/53 device is not connected to the high boost
output voltage, the drain of the external MOSFET and
reverse voltage of the external Schottky diode are
connected. The output voltage capacitor must also be
rated for the output voltage.
FIGURE 5-1:
Typical Non-Bootstrap Application Circuit (MCP1650/51/52/53).
FB
CS
SHDN
VIN
8
2
5
6
4
7
MCP1650
GND
Input
Voltage
3.3V ±10%
C
IN
10 µF
off
on
EXT
Boost
Inductor
3.3 µH
C
OUT
10 µF
Ceramic
90.9 k
Ω
V
OUT = 12V
I
OUT = 0 to 100 mA
10 k
Ω
MOSFET/Schottky
Combination Device
RSENSE
0.05
Ω
3.3V to 12V 100 mA Boost Converter
1
3
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com