Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0601Q Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN32F0601Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0601Q Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN32F0601Q Datasheet HTML 6Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 7Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 8Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 9Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 10Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 11Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 12Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 13Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
5
Electrical characteristics
(VCC=15 V; VDD=3.3 V; PGND = SGND; TJ = +25 °C, unless otherwise specified)
Table 7. Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Power supply and standby mode
IQCCU
VCC under-voltage
quiescent supply
current
VCC = 7 V;
EN = 5 V; CIN = SGND
430
744
µA
IQCC
VCC quiescent
supply current
EN = 5 V;
CIN = SGND
LVG & HVG: OFF
950
1450
µA
VCCthON
VCC UVLO turn-on
threshold
8
8.5
9
V
VCCthOFF
VCC UVLO turn-off
threshold
7.5
8
8.5
V
VCChys
VCC UVLO
threshold hysteresis
0.4
0.5
0.6
V
IDD(1)
VDD current
consumption
(Supply current
in Run mode,
code executing from
Flash memory)
VDD = 3.6 V
HSE bypass, PLL off
fHCLK = 1 MHz
0.8
mA
VDD = 3.6 V
HSI clock, PLL on
fHCLK = 48 MHz
18.9
IDDA(1)
VDDA current
consumption
VDD = 3.6 V
HSE bypass, PLL off
fHCLK = 1 MHz
2.0
µA
VDD = 3.6 V
HSI clock, PLL on
fHCLK = 48 MHz
220
VPOR
VDD Power on reset
threshold
Rising edge
1.84(2)
1.92
2.00
V
VPDR
VDD Power down
reset threshold
Falling edge
1.80
1.88
1.96(2)
V
VPDRhyst
VDD PDR
hysteresis
40
mV
High-side floating section supply(3)
IQBOU
VBO under-voltage
quiescent supply
current
VCC = VBO = 6.5 V;
EN = 5 V; CIN = SGND
25
62
µA
IQBO
VBO quiescent
supply current
VBO = 15 V
EN = 5 V; CIN = SGND
LVG OFF; HVG = ON
84
150
µA
VBOthON
VBO UVLO turn on
threshold
7.5
8
8.5
V
STSPIN32F0601, STSPIN32F0602
Electrical characteristics
DS12981 - Rev 5
page 10/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com