Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0601Q Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSPIN32F0601Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0601Q Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSPIN32F0601Q Datasheet HTML 12Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 13Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 14Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 15Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 16Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 17Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 18Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 19Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
6
Device description
The STSPIN32F060x is a system-in-package providing an integrated solution suitable for driving high-voltage
3-phase applications.
6.1
Gate driver
The STSPIN32F060x integrates a triple half-bridge gate driver able to drive N-channel power MOSFETs or IGBTs.
The high-side section is supplied by a bootstrapped voltage technique with integrated bootstrap diode.
All the inputs lines are connected to a pull-down resistor with typical value of 60 kΩ.
The high- and low-side outputs of same half-bridge cannot be simultaneously driven high thanks to an integrated
interlocking function.
6.1.1
Inputs and outputs
The device is controlled through the following logic inputs:
•
EN: enable input, active high;
•
LIN: low-side driver inputs, active low;
•
HIN: high-side driver inputs, active low.
Table 8. Inputs truth table (applicable when device is not in UVLO or SmartSD protection)
Input pins
Output pins
EN
LIN
HIN
LVG
HVG
L
X
X
Low
Low
H
H
H
Low
Low
H
L
H
HIGH
Low
H
H
L
Low
HIGH
Interlocking
H
L
L
Low
Low
Note:
X : Don’t care
The FAULT and OD pins are open-drain outputs. The FAULT signal is set low in case VCC UVLO is detected, or
in case the SmartShutDown comparator triggers an event. It is only used to signal a UVLO or SmartSD activation
to external circuits, and its state does not affect the behavior of other functions or circuits inside the driver. The
OD behavior is explained in Section 6.1.5 .
6.1.2
Deadtime
The deadtime feature, in companion with the interlocking feature, guarantees that driver outputs of the same
channel are not high simultaneously and at least a DT time passes between the turn-off of one driver's output and
the turn-on of the companion output of the same channel. If a deadtime longer than the internal DT is applied
to LIN and HIN inputs by the external controller, the internal DT is ignored and the outputs follow the deadtime
determined by the inputs. Refer to Figure 4 for the deadtime and interlocking waveforms.
6.1.3
VCC UVLO protection
Undervoltage protection is available on VCC and BOOT supply pins. In order to avoid intermittent operation, a
hysteresis sets the turn-off threshold with respect to the turn-on threshold.
When VCC voltage goes below the VCCthOFF threshold all the outputs are switched off, both LVG and HVG. When
VCC voltage reaches the VCCthON threshold the driver returns to normal operation and sets the LVG outputs
according to actual input pins status; HVG is also set according to input pin status if the corresponding VBO
section is not in UVLO condition. The FAULT output is kept low when VCC is in UVLO condition. The following
figures show some examples of typical operation conditions.
STSPIN32F0601, STSPIN32F0602
Device description
DS12981 - Rev 5
page 16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com