Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0601Q Datasheet(PDF) 31 Page - STMicroelectronics

Part # STSPIN32F0601Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0601Q Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STSPIN32F0601Q Datasheet HTML 24Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 25Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 26Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 27Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 28Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 29Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 30Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 31Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
List of figures
Figure 1.
STSPIN32F060x SiP block diagram ..................................................... 3
Figure 2.
STSPIN32F060x pin connection (TQFP top view) ............................................ 4
Figure 3.
STSPIN32F060x pin connection (QFN top view) ............................................. 4
Figure 4.
Propagation delay timing definition ..................................................... 14
Figure 5.
Deadtime timing definitions .......................................................... 14
Figure 6.
Deadtime and interlocking waveforms definition ............................................ 15
Figure 7.
VCC power ON and UVLO, LVG timing .................................................. 17
Figure 8.
VCC power ON and UVLO, HVG timing .................................................. 17
Figure 9.
VBO Power-ON and UVLO timing ...................................................... 18
Figure 10.
Smart shutdown timing waveforms ..................................................... 19
Figure 11.
Typical application with 8 MHz crystal ................................................... 21
Figure 12.
HSE clock source timing diagram ...................................................... 21
Figure 13.
TQFP mechanical data ............................................................. 23
Figure 14.
QFN mechanical data .............................................................. 25
Figure 15.
TQFP 10x10 64L suggested land pattern ................................................. 26
Figure 16.
QFN 10x10 72L suggested land pattern .................................................. 26
STSPIN32F0601, STSPIN32F0602
List of figures
DS12981 - Rev 5
page 31/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com