Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0601Q Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSPIN32F0601Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0601Q Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSPIN32F0601Q Datasheet HTML 13Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 14Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 15Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 16Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 17Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 18Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 19Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 20Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Figure 7. VCC power ON and UVLO, LVG timing
VCC
VCCthON
VCCthOFF
0 V
0 V
FAULT
LIN
0 V
0 V
LVG
UVLO VCC
Figure 8. VCC power ON and UVLO, HVG timing
VCC
VCCthON
VCCthOFF
0 V
0 V
VBO
BOthON
VBOthOFF
0 V
0 V
FAULT
HIN
HVG-OUT
V
UVLO VCC
6.1.4
VBO UVLO protection
Dedicated undervoltage protection is available on each bootstrap section between BOOTx and OUTx supply
pins. In order to avoid intermittent operation, a hysteresis sets the turn-off threshold with respect to the turn-on
threshold.
When VBO voltage goes below the VBOthOFF threshold, the HVG output of the corresponding bootstrap section is
switched off. When VBO voltage reaches the VBOthON threshold the device returns to normal operation and the
output remains off up to the next input pins transition that requests HVG to turn on.
STSPIN32F0601, STSPIN32F0602
Gate driver
DS12981 - Rev 5
page 17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com