Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0601Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSPIN32F0601Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0601Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSPIN32F0601Q Datasheet HTML 10Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 11Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 12Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 13Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 14Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 15Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 16Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 17Page - STMicroelectronics STSPIN32F0601Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Figure 4. Propagation delay timing definition
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%
50%
50%
50%
10%
90%
tr
tf
ton
toff
90%
10%
HVG
LVG
t > DT
t > DT
90%
50%
tEN
LVG/HVG
EN
HIN
LIN
50%
tEN
10%
tEN
Figure 5. Deadtime timing definitions
50%
10%
90%
50%
tr
tf
toff
90%
10%
HIN
HVG
90%
tf
toff
10%
LVG
DTLH
DTHL
10%
50%
50%
LIN
t > DT
STSPIN32F0601, STSPIN32F0602
Electrical characteristics
DS12981 - Rev 5
page 14/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com