Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 6 Page - STMicroelectronics

Part # M50FLW040A
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 2Page - STMicroelectronics M50FLW040A Datasheet HTML 3Page - STMicroelectronics M50FLW040A Datasheet HTML 4Page - STMicroelectronics M50FLW040A Datasheet HTML 5Page - STMicroelectronics M50FLW040A Datasheet HTML 6Page - STMicroelectronics M50FLW040A Datasheet HTML 7Page - STMicroelectronics M50FLW040A Datasheet HTML 8Page - STMicroelectronics M50FLW040A Datasheet HTML 9Page - STMicroelectronics M50FLW040A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
M50FLW040A, M50FLW040B
6/52
SUMMARY DESCRIPTION
The M50FLW040 is a 4 Mbit (512Kb x8) non-vola-
tile memory that can be read, erased and repro-
grammed. These operations can be performed
using a single low voltage (3.0 to 3.6V) supply. For
fast programming and fast erasing in production
lines, an optional 12V power supply can be used
to reduce the erasing and programming time.
The memory is divided into 8 Uniform Blocks of
64 KBytes each, three of which are divided into 16
uniform sectors of 4 KBytes each (see APPENDIX
A. for details). All blocks and sectors can be
erased independently. So, it is possible to pre-
serve valid data while old data is erased. Blocks
can be protected individually to prevent accidental
program or erase commands from modifying their
contents.
Program and erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-
quired to update the memory contents. The end of
a program or erase operation can be detected and
any error conditions identified. The command set
to control the memory is consistent with the JE-
DEC standards.
Two different bus interfaces are supported by the
memory:
s
The primary interface, the FWH/LPC
Interface, uses Intel’s proprietary Firmware
Hub (FWH) and Low Pin Count (LPC)
protocol. This has been designed to remove
the need for the ISA bus in current PC
Chipsets. The M50FLW040 acts as the PC
BIOS on the Low Pin Count bus for these PC
Chipsets.
s
The secondary interface, the Address/
Address Multiplexed (or A/A Mux) Interface, is
designed to be compatible with current Flash
Programmers, for production line
programming prior to fitting the device in a PC
Motherboard.
The memory is supplied with all the bits erased
(set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com