Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 24 Page - STMicroelectronics

Part # M50FLW040A
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 20Page - STMicroelectronics M50FLW040A Datasheet HTML 21Page - STMicroelectronics M50FLW040A Datasheet HTML 22Page - STMicroelectronics M50FLW040A Datasheet HTML 23Page - STMicroelectronics M50FLW040A Datasheet HTML 24Page - STMicroelectronics M50FLW040A Datasheet HTML 25Page - STMicroelectronics M50FLW040A Datasheet HTML 26Page - STMicroelectronics M50FLW040A Datasheet HTML 27Page - STMicroelectronics M50FLW040A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
M50FLW040A, M50FLW040B
24/52
FIRMWARE HUB/LOW PIN COUNT (FWH/LPC) INTERFACE CONFIGURATION
REGISTERS
When the Firmware Hub Interface/Low Pin Count
is selected, several additional registers can be ac-
cessed. These registers control the protection sta-
tus of the Blocks, read the General Purpose Input
pins and identify the memory using the manufac-
turer code. See Table 15. for the memory map of
the Configuration Registers. The Configuration
registers are accessed directly without using any
specific command code. A single Bus Write or Bus
Read Operation, with the appropriate address (in-
cluding A22=0), is all that is needed.
Lock Registers
The Lock Registers control the protection status of
the Blocks. Each Block has its own Lock Register.
Three bits within each Lock Register control the
protection of each block: the Write Lock Bit, the
Read Lock Bit and the Lock Down Bit.
The Lock Registers can be read and written. Care
should be taken, though, when writing. Once the
Lock Down Bit is set, ‘1’, further modifications to
the Lock Register cannot be made until it is
cleared again by a reset or power-up.
See Table 16. for details on the bit definitions of
the Lock Registers.
Write Lock. The
Write
Lock
Bit
determines
whether the contents of the Block can be modified
(using the Program or Erase Command). When
the Write Lock Bit is set, ‘1’, the block is write pro-
tected – any operations that attempt to change the
data in the block will fail, and the Status Register
will report the error. When the Write Lock Bit is re-
set, ‘0’, the block is not write protected by the Lock
Register, and may be modified, unless it is write
protected by some other means.
If the Top Block Lock signal, TBL, is Low, VIL, then
the Top Block (Block 7) is write protected, and
cannot be modified. Similarly, if the Write Protect
signal, WP, is Low, VIL, then the Main Blocks
(Blocks 0 to 6) are write protected, and cannot be
modified.
After power-up, or reset, the Write Lock Bit is al-
ways set to ‘1’ (write-protected).
Read Lock. The
Read
Lock
bit
determines
whether the contents of the Block can be read (in
Read mode). When the Read Lock Bit is set, ‘1’,
the block is read protected – any operation that at-
tempts to read the contents of the block will read
00h instead. When the Read Lock Bit is reset, ‘0’,
read operations are allowed in the Block, and re-
turn the value of the data that had been pro-
grammed in the block.
After power-up, or reset, the Read Lock Bit is al-
ways reset to ‘0’ (not read-protected).
Lock Down. The Lock Down Bit provides a
mechanism for protecting software data from sim-
ple hacking and malicious attack. When the Lock
Down Bit is set, ‘1’, further modification to the
Write Lock, Read Lock and Lock Down Bits cannot
be performed. A reset, or power-up, is required be-
fore changes to these bits can be made. When the
Lock Down Bit is reset, ‘0’, the Write Lock, Read
Lock and Lock Down Bits can be changed.
Table 15. Configuration Register Map
Note: In LPC mode, a most significant nibble, F, must be added to the memory address. For all registers, A22=0, and the remaining address
bits should be set according to the rules shown in the ADDR field of Table 6. to Table 9..
Mnemonic
Register Name
Memory
Address
Default
Value
Access
Lock Registers (For details, see APPENDIX A.)
GPI_REG
Firmware Hub/Low Pin Count (FWH/LPC) General
Purpose Input Register
FBC0100h
N/A
R
MANU_REG
Manufacturer Code Register
FBC0000h
20h
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com