Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 42 Page - STMicroelectronics

Part # M50FLW040A
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 38Page - STMicroelectronics M50FLW040A Datasheet HTML 39Page - STMicroelectronics M50FLW040A Datasheet HTML 40Page - STMicroelectronics M50FLW040A Datasheet HTML 41Page - STMicroelectronics M50FLW040A Datasheet HTML 42Page - STMicroelectronics M50FLW040A Datasheet HTML 43Page - STMicroelectronics M50FLW040A Datasheet HTML 44Page - STMicroelectronics M50FLW040A Datasheet HTML 45Page - STMicroelectronics M50FLW040A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
M50FLW040A, M50FLW040B
42/52
Note: In LPC mode, a most significant nibble, F, must be added to
the memory address. For all registers, A22=0, and the re-
maining address bits should be set according to the rules
shown in the ADDR field of Table 6. to Table 9..
Table 35. M50FLW040B Block and Sector
Addresses
64
0F000h-
0FFFFh
0
(Main)
415
FB80002
0E000h-
0EFFFh
414
0D000h-
0DFFFh
413
0C000h-
0CFFFh
412
0B000h-
0BFFFh
411
0A000h-
0AFFFh
410
09000h-
09FFFh
49
08000h-
08FFFh
48
07000h-
07FFFh
47
06000h-
06FFFh
46
05000h-
05FFFh
45
04000h-
04FFFh
44
03000h-
03FFFh
43
02000h-
02FFFh
42
01000h-
01FFFh
41
00000h-
00FFFh
40
Block
Size
(KByte)
Address
Range
Block
No and
Type
Sector
Size
(KByte)
Sector
No
Register
Address
Block
Size
(KByte)
Address
Range
Block
No and
Type
Sector
Size
(KByte)
Sector
No
Register
Address
64
7F000h-
7FFFFh
7
(Top)
447
FBF0002
7E000h-
7EFFFh
446
7D000h-
7DFFFh
445
7C000h-
7CFFFh
444
7B000h-
7BFFFh
443
7A000h-
7AFFFh
442
79000h-
79FFFh
441
78000h-
78FFFh
440
77000h-
77FFFh
439
76000h-
76FFFh
438
75000h-
75FFFh
437
74000h-
74FFFh
436
73000h-
73FFFh
435
72000h-
72FFFh
434
71000h-
71FFFh
433
70000h-
70FFFh
432
64
60000h-
6FFFFh
6
(Main)
FBE0002
64
50000h-
5FFFFh
5
(Main)
FBD0002
64
40000h-
4FFFFh
4
(Main)
FBC0002
64
30000h-
3FFFFh
3
(Main)
FBB0002
64
20000h-
2FFFFh
2
(Main)
FBA0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com