Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 5 Page - STMicroelectronics

Part # M50FLW040A
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 5 Page - STMicroelectronics

  M50FLW040A Datasheet HTML 1Page - STMicroelectronics M50FLW040A Datasheet HTML 2Page - STMicroelectronics M50FLW040A Datasheet HTML 3Page - STMicroelectronics M50FLW040A Datasheet HTML 4Page - STMicroelectronics M50FLW040A Datasheet HTML 5Page - STMicroelectronics M50FLW040A Datasheet HTML 6Page - STMicroelectronics M50FLW040A Datasheet HTML 7Page - STMicroelectronics M50FLW040A Datasheet HTML 8Page - STMicroelectronics M50FLW040A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5/52
M50FLW040A, M50FLW040B
Table 32. TSOP40 – 40 lead Plastic Thin Small Outline, 10 x 20mm, Package Mechanical Data . 39
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Table 33. Ordering Information Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
APPENDIX A.BLOCK AND SECTOR ADDRESS TABLE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 34. M50FLW040A Block and Sector Addresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 35. M50FLW040B Block and Sector Addresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
APPENDIX B.FLOWCHARTS AND PSEUDO CODES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 22.Program Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 23.Double/Quadruple Byte Program Flowchart and Pseudo code (FWH Mode Only). . . . . 45
Figure 24.Quadruple Byte Program Flowchart and Pseudo Code (A/A Mux Interface Only) . . . . . 46
Figure 25.Program Suspend and Resume Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . 47
Figure 26.Chip Erase Flowchart and Pseudo Code (A/A Mux Interface Only) . . . . . . . . . . . . . . . . 48
Figure 27.Sector/Block Erase Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 28.Erase Suspend and Resume Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . . . 50
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 36. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com