Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF600 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF600
Description  902-928MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF600 Datasheet HTML 1Page - Micrel Semiconductor MICRF600 Datasheet HTML 2Page - Micrel Semiconductor MICRF600 Datasheet HTML 3Page - Micrel Semiconductor MICRF600 Datasheet HTML 4Page - Micrel Semiconductor MICRF600 Datasheet HTML 5Page - Micrel Semiconductor MICRF600 Datasheet HTML 6Page - Micrel Semiconductor MICRF600 Datasheet HTML 7Page - Micrel Semiconductor MICRF600 Datasheet HTML 8Page - Micrel Semiconductor MICRF600 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MICRF600
September 2005
5
M9999-091905
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)...................................................+3.3V
Voltage on any pin (GND = 0V). ..................... -0.3V to 2.7V
Lead Temperature (soldering, 5 sec.)......................+225°C
Storage Temperature (Ts) ............................-30°C to +85°C
ESD Rating
(3)..................................................................2kV
Operating Ratings
(2)
Supply voltage (VIN) ..................................+2.0V to +2.5V
RF Frequencies.................................902MHz to 928MHz
Data Rate (NRZ) ................................................ <20 kbps
Ambient Temperature (TA) .......................–20°C to +70°C
Electrical Characteristics
fRF = 915MHz, Data rate = 20kbps, VDD = 2.5V; TA = 25°C, bold values indicate –20°C< TA < +70°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
2.0
2.5
V
Power Down Current
0.3
µA
Standby Current
280
µA
VCO and PLL Section
Tunable with on-chip cap bank
16
MHz
Crystal Oscillator Frequency
Tuning range
-30
+40
ppm
Crystal Initial Tolerance
-10
+10
ppm
Crystal Temperature Tolerance
-10
+10
ppm
Rx 915MHz – Rx 915.5MHz
250
µs
Rx 903MHz – Rx 926MHz
850
µs
Rx – Tx, same frequency
200
µs
Tx – Rx, same frequency, time to
good data
300
µs
Standby – Rx,
1.0
ms
Switch Time
Standby – Tx
1.0
ms
Crystal Oscillator Start-Up Time
XCO_tune=13
750
µs
Transmit Section
RLOAD = 50Ω, Pa2-0-111
9
dBm
Output Power
RLOAD = 50Ω, Pa2-0-001
-7
dBm
Over temperature range
2
dB
Output Power Tolerance
Over power supply range
3
dB
RLOAD = 50Ω, PA2_0: 111
28
mA
Tx Current Consumption
RLOAD = 50Ω, PA2_0: 001
14
mA
Tx Current Consumption Variation
RLOAD = 50Ω, PA2_0: 111
2.5
mA
Binary FSK Frequency Separation (5)
Limited by receiver BW
20
400
kHz
Data Rate(5)
NRZ
0
20
kbps
Occupied bandwidth
20kbps,
β = 10 (±100kHz), 20dBc
(RBW=10kHz)
320
kHz
2nd Harmonic
-20
dBc
3rd Harmonic
-41.2
dBm
Spurious Emission < 902 MHz
-49.2
dBm
Spurious Emission > 928 MHz
FCC part 15, RLOAD = 50Ω
-41.2
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com