Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF600 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF600
Description  902-928MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF600 Datasheet HTML 10Page - Micrel Semiconductor MICRF600 Datasheet HTML 11Page - Micrel Semiconductor MICRF600 Datasheet HTML 12Page - Micrel Semiconductor MICRF600 Datasheet HTML 13Page - Micrel Semiconductor MICRF600 Datasheet HTML 14Page - Micrel Semiconductor MICRF600 Datasheet HTML 15Page - Micrel Semiconductor MICRF600 Datasheet HTML 16Page - Micrel Semiconductor MICRF600 Datasheet HTML 17Page - Micrel Semiconductor MICRF600 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Micrel, Inc.
MICRF600
September 2005
14
M9999-091905
Front End
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1 Mode0
’1’
A low noise amplifier in RF receivers is used to boost the
incoming signal prior to the frequency conversion process.
This is important in order to prevent mixer noise from
dominating the overall front-end noise performance. The
LNA is a two-stage amplifier and has a nominal gain of
approximately 23dB at 900MHz. The front end has a gain
of about 33dB to 35dB. The gain varies by 1-1.5dB over a
2.0V to 2.5V variation in power supply.
The LNA can be bypassed by setting bit LNA_by to ‘1’.
This can be useful for very strong input signal levels. The
front-end gain with the LNA bypassed is about 9-10dB.
The mixers have a gain of about 10dB at 900MHz.
Sallen-Key Filters
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
‘1’
‘0’
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
Each channel includes a pre-amplifier and a prefilter,
which is a three-pole Sallen-Key lowpass filter. It protects
the following switched-capacitor filter from strong adjacent
channel signals, and it also works as an anti-aliasing filter.
The preamplifier has a gain of 22.23dB. The maximum
output voltage swing is about 1.4Vpp for a 2.25V power
supply. In addition, the IF amplifier also performs offset
cancellation. Gain varies by less than 0.5dB over a 2.0 –
2.5V variation in power supply. The third order Sallen-Key
lowpass filter is programmable to four different cut-off
frequencies according to the table below:
PF_FC1
PF_FC0
Cut-off Freq. (kHz)
0
0
100
0
1
150
1
0
230
1
1
340
Switched Capacitor Filter
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001000
‘1’
‘1’
ScClk5
ScClk4
ScClk3
ScClk2
ScClk1
ScClk0
The
main
channel
filter
is
a
switched-capacitor
implementation of a six-pole elliptic low pass filter. The
elliptic filter minimized the total capacitance required for a
given selectivity and dynamic range. The cut-off frequency
of the switched-capacitor filter is adjustable by changing
the clock frequency.
The clock frequency is designed to be 20 times the cut-off
frequency. The clock frequency is derived from the
reference crystal oscillator. A programmable 6-bit divider
divides the frequency of the crystal oscillator. The cut-off
frequency of the filter is given by:
ScClk
40
f
f
XCO
CUT
⋅
=
fCUT: Filter cutoff frequency
fXCO: Crystal oscillator frequency
ScCLK: Switched capacitor filter clock, bits ScClk5-0
1
st order RC lowpass filters are connected to the output of
the SC filter to filter the clock frequency.
The lowest cutoff frequency in the pre- and the main
channel filter must be set so that the received signal is
passed with no attenuation, that is frequency deviation
plus modulation. If there are any frequency offset between
the transmitter and the receiver, this must also be taken
into consideration. A formula for the receiver bandwidth
can be summarized as follows:
2
/
Baudrate
f
f
f
DEV
OFFSET
BW
+
+
+
=
where
fBW: Needed receiver bandwidth, fcut above should
not be smaller than fBW (Hz)
foffset: Total frequency offset between receiver and
transmitter (Hz)
fDEV: Single-sided frequency deviation
Baudrate: The baud rate given is bit/sec
RSSI
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
‘1’
‘0’
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
0
0,5
1
1,5
2
2,5
-110
-100
-90
-80
-70
-60
-50
-40
Pin
Pin
(dBm)
(dBm)
RSSI
Figure 9. RSSI Voltage
A Typical plot of the RSSI voltage as function of input
power is shown in Figure 9. The RSSI has a dynamic
range of about 50dB from about -110dBm to -60dBm input
power.
The RSSI can be used as a signal presence indicator.
When a RF signal is received, the RSSI output increases.
This could be used to wake up circuitry that is normally in
a sleep mode configuration to conserve battery life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com