Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF600 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF600
Description  902-928MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF600 Datasheet HTML 11Page - Micrel Semiconductor MICRF600 Datasheet HTML 12Page - Micrel Semiconductor MICRF600 Datasheet HTML 13Page - Micrel Semiconductor MICRF600 Datasheet HTML 14Page - Micrel Semiconductor MICRF600 Datasheet HTML 15Page - Micrel Semiconductor MICRF600 Datasheet HTML 16Page - Micrel Semiconductor MICRF600 Datasheet HTML 17Page - Micrel Semiconductor MICRF600 Datasheet HTML 18Page - Micrel Semiconductor MICRF600 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Micrel, Inc.
MICRF600
September 2005
17
M9999-091905
Application Circuit Illustration
MICRF600
4004
LDO
MCU
Figure 10. Circuit illustration of MICRF600, LDO and MCU
Figure 10 shows a typical set-up with the MICRF600, a
Low-Drop-Out voltage regulator (LDO)
and a micro-
controller (MCU). When the MICRF600 and the MCU runs
on the same power supply (min 2.0, max. 2.5V), the IO
can be connected directly to the MCU. If the MCU needs a
higher VDD than the maximum specified VDD of the
MICRF600 (2.5V), voltage dividers need to be added on
the IO lines not to override the max. input voltage.
Figure 11 shows a recommended voltage divider circuit for
a MCU running at 3.0V and the MICRF600 at 2.5V.
3k3
18k
3k3
18k
3k3
18k
15k
MICRF6xx
MCU
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
Figure 11. How to connect MCU600 (2.5V) and MCU (3.0V)
Assembling the MICRF600
Recommended Reflow Temperature Profile
When the MICRF600 module is being automatically
assembled to a PCB, care must be taken not to expose
the module for temperature above the maximum specified.
Figure 12 shows the recommended reflow temperature
profile.
Figure 12. Recommended Reflow Temperature Reflow
Shock/Vibration during Reflow
The module has several components inside which are
assembled in a reflow process. These components may
reflow again when the module is assembled onto a PCB. It
is therefore, important that the module is not subjected to
any mechanical shock or vibration during this process.
Handassembling the MICRF600
It is recommended that solder paste also be used during
hand assembling of the module. Because of the module
ground pad on the bottom side, the module will be
assembled most efficiently if the heat is being subjected to
the bottom side of the PCB. The heat will be transferred
trough the PCB due the ground vias under the module
(see
Layout
Considerations).
In
addition,
it
is
recommended that a solder tip be used on the signal and
power pads. This will ensure that the solder points are
properly melted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com