Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF600 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF600
Description  902-928MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF600 Datasheet HTML 11Page - Micrel Semiconductor MICRF600 Datasheet HTML 12Page - Micrel Semiconductor MICRF600 Datasheet HTML 13Page - Micrel Semiconductor MICRF600 Datasheet HTML 14Page - Micrel Semiconductor MICRF600 Datasheet HTML 15Page - Micrel Semiconductor MICRF600 Datasheet HTML 16Page - Micrel Semiconductor MICRF600 Datasheet HTML 17Page - Micrel Semiconductor MICRF600 Datasheet HTML 18Page - Micrel Semiconductor MICRF600 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Micrel, Inc.
MICRF600
September 2005
18
M9999-091905
Layout
Recommended Land Pattern
Figure 12 shows a recommended land pattern that
facilitates both automatic and hand assembling.
Figure 13. Recommended Land Pattern
Layout Considerations
Except for the antenna input/output signal, only digital and
low frequency signals need to interface with the module.
There is therefore no need of years of RF expertise to do a
successful layout, as long as the following few points are
being followed:
•
Proper ground is needed. If the PCB is 2-layer, the
bottom layer should be kept only for ground. Avoid
signal traces that split the ground plane. For a 4-
layer PCB, it is recommended the second layer
only for ground be kept.
•
A ground via should be placed close to all the
ground pins. The bottom ground pad should be
penetrated with 4-16 ground vias.
•
The antenna has a impedance of ~50Ω. The
antenna trace should be kept to 50Ω to avoid
signal reflection and loss of performance. Any
transmission line calculator can be used to find the
needed trace width given a board build up.
Example: A trace width of 44 mil (1.12 mm) gives
50 impedance on a FR4 board (dielectric
cons=4.4) with copper thickness of 35
µm and
height (layer 1-layer 2 spacing) of 0.61 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com