Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF600 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF600
Description  902-928MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF600 Datasheet HTML 7Page - Micrel Semiconductor MICRF600 Datasheet HTML 8Page - Micrel Semiconductor MICRF600 Datasheet HTML 9Page - Micrel Semiconductor MICRF600 Datasheet HTML 10Page - Micrel Semiconductor MICRF600 Datasheet HTML 11Page - Micrel Semiconductor MICRF600 Datasheet HTML 12Page - Micrel Semiconductor MICRF600 Datasheet HTML 13Page - Micrel Semiconductor MICRF600 Datasheet HTML 14Page - Micrel Semiconductor MICRF600 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micrel, Inc.
MICRF600
September 2005
11
M9999-091905
Programming Summary
•
Use CS, SCLK, and IO to get access to the control
registers in MICRF600.
•
SCLK is user-controlled.
•
Write to the MICRF600 at positive edges
(MICRF600 reads at negative edges).
•
Read from the MICRF600 at negative edges
(MICRF600 writes at positive edges)
•
After power-on: Write to the complete set of
control registers.
•
Address field is 7 bits long. Enter msb first.
•
R/W bit is 1 bit long (“1” for read, “0” for write)
•
Address and R/W bit together make 1 octet
•
All control registers are 8 bits long. Enter/read msb
in every octet first.
•
Always write 8 bits to/read 8 bits from a control
register. This is the case for registers with less
than 8 used programming bits as well.
•
Writing: Bring CS high, write address and R/W bit
followed by the new values to fill into the
addressed control register(s) and bring CS low for
loading, i.e., activation of the new control register
values.
•
Reading: Bring CS high, write address and R/W
bit, set IO as an input, read present contents of the
addressed control register(s), bring CS low and
set IO an output.
Frequency Synthesizer
A6…A0
D7
D6
D5
D4
D3
D2
D1
D0
0001010
-
-
A0_5
A0_4
A0_3
A0_2
A0_1
A0_0
0001011
-
-
-
-
N0_11
N0_10
N0_9
N0_8
0001100
N0_7
N0_6
N0_5
N0_4
N0_3
N0_2
N0_1
N0_0
0001101
-
-
-
-
M0_11
M0_10
M0_9
M0_8
0001110
M0_7
M0_6
M0_5
M0_4
M0_3
M0_2
M0_1
M0_0
0001111
-
-
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
0010000
-
-
-
-
N1_11
N1_10
N1_9
N1_8
0010001
N1_7
N1_6
N1_5
N1_4
N1_3
N1_2
N1_1
N1_0
0010010
-
-
-
-
M1_11
M1_10
M1_9
M1_8
0010011
M1_7
M1_6
M1_5
M1_4
M1_3
M1_2
M1_1
M1_0
The frequency synthesizer consists of a voltage-controlled
oscillator (VCO), a crystal oscillator, phase select
prescaler, programmable frequency dividers and a phase-
detector. The length of the N, M, and A registers are 12,
12 and 6 respectively. The N, M, and A values can be
calculated from the formula:
() ()/2
A
N
31
f
A
N
31
f
M
f
f
RF
VCO
XCO
PhD
+
×
=
+
×
=
=
,
1
≤ A < N
PhD: Phase detector comparison frequency
fXCO: Crystal oscillator frequency
fVCO: Voltage controlled oscillator frequency
fRF: Input/output RF frequency
There are two sets of each of the divide factors (i.e. A0
and A1). Storing the ‘0’ and the ‘1’ frequency in the 0- and
the 1 registers respectively, does the 2-FSK. The receive
frequency must be stored in the ‘0’ registers.
Crystal Oscillator (XCO)
Adr
D7
D6
D5
D4
D3
D2
D1
D0
0001001
‘0’
‘1’
‘1’
XCOtune4
XCOtune3
XCOtune2
XCOtune1
XCOtune0
The crystal oscillator is a reference for the RF output
frequency and the LO frequency in the receiver. It is
possible to tune the internal crystal oscillator by switching
in internal capacitance using 5 tune bits XCOtune4 –
XCOtun0. The benefit of tuning the crystal oscillator is to
eliminate the initial tolerance and the tolerance over
temperature and aging. By using the crystal tuning feature
the noise bandwidth of the receiver can be reduced and a
higher sensitivity is achieved.
When XCOtune4 –
XCOtune0 = 0 no internal capacitors are connected to the
crystal pins. When XCOtune4 – XCOtune0 = 1 all of the
internal capacitors are connected to the crystal pins.
Figure 5 shows the tuning range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com