Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC292ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC292ALC3BTR-R5
Description  14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC292ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC292ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
HMC292ALC3B
Rev. A | Page 3 of 15
SPECIFICATIONS
Ambient temperature (TA) = 25°C, intermediate frequency (IF) = 1 GHz, radio frequency (RF) = −10 dBm, LO = 13 dBm, upper sideband. All
measurements performed as a downconverter, unless otherwise noted, on the evaluation printed circuit board (PCB).
Table 1.
Parameter
Min
Typ
Max
Unit
FREQUENCY RANGE
RF Pin
14
30
GHz
IF Pin
DC
8
GHz
LO Pin
14
30
GHz
LO DRIVE LEVEL
9
13
15
dBm
RF PERFORMANCE
Downconverter
Conversion Loss
9
12.5
dB
Single Sideband (SSB) Noise Figure (NF)
10.5
dB
Input Third Order Intercept (IP3)
15
19
dBm
Input 1 dB Compression Point (P1dB)
12
dBm
Input Second Order Intercept (IP2)
50
dBm
Isolation
RF to IF
22
38
dB
LO to RF
48
dB
LO to IF
28
40
dB
Upconverter
Conversion Loss
9
dB
IP3
20
dBm
P1dB
9
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com