Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC292ALC3BTR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC292ALC3BTR-R5
Description  14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC292ALC3BTR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC292ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HMC292ALC3B
Data Sheet
Rev. A | Page 14 of 15
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 35 shows the typical application circuit for the
HMC292ALC3B. The HMC292ALC3B is a passive device and
does not require any external components. The LO and RF pins
are internally ac-coupled. The IF pin is internally dc-coupled.
Use an external series capacitor when IF operation is not required.
Choose a value that stays within the necessary IF frequency
range. When IF operation to dc is required, do not exceed the
IF source and sink current rating specified in the Absolute
Maximum Ratings section.
GND
GND
RF
GND
LO
LO
RF
IF
GND
HMC292ALC3B
1
7
8
9
10
11
12
4
2
3
5
6
Figure 35. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board used in
the application. Ensure that signal lines have 50 Ω impedance,
and connect the package ground leads and the exposed pad
directly to the ground plane (see Figure 36). Use a sufficient
number of via holes to connect the top and bottom ground
planes. The evaluation circuit board shown in Figure 36 is
available from Analog Devices, Inc., upon request.
Table 5. List of Materials for Evaluation PCB
EV1HMC292ALC3B
Item
Description
J1, J2
SRI 2.92 mm connector
J3
Johnson SMA connector
U1
HMC292ALC3B
PCB1
117611-7 evaluation board
1
117611-7 is the raw bare PCB identifier. Reference the EV1HMC292ALC3B
device when ordering the complete evaluation PCB.
J1
J3
IF
LO
RF
117611–7
U1
J2
292A
Figure 36. Evaluation PCB Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com