Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC292ALC3BTR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC292ALC3BTR-R5
Description  14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC292ALC3BTR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC292ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
HMC292ALC3B
Rev. A | Page 11 of 15
IF BANDWIDTH—DOWNCONVERTER
Upper sideband, LO frequency = 20 GHz.
0
–5
–10
–15
–20
0.1
1.0
2.1
3.1
4.1
5.1
6.1
7.1
9.1
8.1
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 31. Conversion Gain vs. IF Frequency at Various Temperatures,
LO = 13 dBm
30
20
25
10
15
5
0
0.1
1.0
2.1
3.1
4.1
5.1
6.1
7.1
9.1
8.1
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 32. Input IP3 vs. IF Frequency at Various Temperatures,
LO = 13 dBm
0
–5
–10
–15
–20
0.1
1.0
2.1
3.1
4.1
5.1
6.1
7.1
9.1
8.1
IF FREQUENCY (GHz)
LO = 15dBm
LO = 13dBm
LO = 11dBm
Figure 33. Conversion Gain vs. IF Frequency at Various LO Power Levels,
TA = 25°C
30
20
25
10
15
5
0
0.1
1.0
2.1
3.1
4.1
5.1
6.1
7.1
9.1
8.1
IF FREQUENCY (GHz)
LO = 15dBm
LO = 13dBm
LO = 11dBm
Figure 34. Input IP3 vs. IF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com