Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC292ALC3BTR-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC292ALC3BTR-R5
Description  14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC292ALC3BTR-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC292ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
HMC292ALC3B
Data Sheet
Rev. A | Page 12 of 15
SPURIOUS AND HARMONICS PERFORMANCE
Mixer spurious products are measured in dBc from the IF output
power level. N/A means not applicable.
Downconverter M × N Spurious Outputs
Spur values are (M × RF) − (N × LO).
RF = 22 GHz at −10 dBm, LO = 21 GHz at 13 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
13
39
N/A
N/A
1
32
0
51
70
N/A
2
58
74
62
73
71
3
N/A
N/A
74
73
77
4
N/A
N/A
N/A
73
78
Upconverter M × N Spurious Outputs
Spur values are (M × IFIN) − (N × LO).
IFIN = 1 GHz at −10 dBm, LO = 21 GHz at 13 dBm.
N × LO
0
1
2
3
4
M × IFIN
0
N/A
15
NA
N/A
N/A
1
23
0
>90
N/A
N/A
2
57
40
>90
N/A
N/A
3
80
65
76
N/A
N/A
4
94
87
75
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com