Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC292ALC3BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC292ALC3BTR-R5
Description  14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC292ALC3BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC292ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC292ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
14 GHz to 30 GHz, GaAs, MMIC,
Double Balanced Mixer
Data Sheet
HMC292ALC3B
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive: no dc bias required
Conversion loss: 9 dB typical
Input IP3: 19 dBm typical
LO to RF isolation: 48 dB typical
Wide IF frequency range: dc to 8 GHz
12-terminal, 3 mm × 3 mm, RoHS compliant LCC package
APPLICATIONS
Microwave and very small aperture terminal (VSAT) radios
Test equipment
Point to point radios
Military electronic warfare (EW); electronic countermeasure
(ECM); and command, control, communications and
intelligence (C3I)
FUNCTIONAL BLOCK DIAGRAM
1
GND
7
GND
8
RF
9
GND
10
11
12
4
2
LO
3
GND
5
6
PACKAGE
BASE
GND
HMC292ALC3B
Figure 1.
GENERAL DESCRIPTION
The HMC292ALC3B is a general-purpose, double balanced,
monolithic microwave integrated circuit (MMIC), mixer housed in
a leadless Pb-free, RoHS compliant LCC package, that can be
used as an upconverter or downconverter in the 14 GHz to 30
GHz frequency range. The HMC292ALC3B is ideally suited for
applications where small size, no dc bias, and consistent IC
performance are required. This mixer can operate over a wide
local oscillator (LO) drive level of 9 dBm to 15 dBm. It performs
equally well as a biphase modulator or demodulator. The
HMC292ALC3B eliminates the need for wire bonding, allowing
use of surface-mount manufacturing techniques.


Similar Part No. - HMC292ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292A-SX AD-HMC292A-SX Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
More results

Similar Description - HMC292ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC203 HITTITE-HMC203 Datasheet
95Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC203 HITTITE-HMC203_07 Datasheet
116Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC203 HITTITE-HMC203_09 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553ALC3B AD-HMC553ALC3B Datasheet
376Kb / 25P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
3/2019-Rev.A to Rev. B
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com