Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4716
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 3 Page - Microchip Technology

  MCP4716 Datasheet HTML 1Page - Microchip Technology MCP4716 Datasheet HTML 2Page - Microchip Technology MCP4716 Datasheet HTML 3Page - Microchip Technology MCP4716 Datasheet HTML 4Page - Microchip Technology MCP4716 Datasheet HTML 5Page - Microchip Technology MCP4716 Datasheet HTML 6Page - Microchip Technology MCP4716 Datasheet HTML 7Page - Microchip Technology MCP4716 Datasheet HTML 8Page - Microchip Technology MCP4716 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 3
MCP47A1
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Voltage on VDD with respect to VSS .......................................................................................................... 0.6V to +7.0V
Voltage on SCL, and SDA with respect to VSS ..................................................................................................... -0.6V to VDD + 0.3V
Voltage on all other pins (VOUT and VREF) with respect to VSS ..................................................................... -0.3V to VDD + 0.3V
Input clamp current, IIK (VI < 0, VI > VDD) ............................................................................................................ ±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD).................................................................................................. ±20 mA
Maximum output current sunk by any Output pin .................................................................................................. 25 mA
Maximum output current sourced by any Output pin ............................................................................................ 25 mA
Maximum current out of VSS pin .......................................................................................................................... 100 mA
Maximum current into VDD pin ............................................................................................................................. 100 mA
Maximum current into VREF pin............................................................................................................................. 250 uA
Maximum current sourced by VOUT pin ................................................................................................................. 40 mA
Maximum current sunk by VREF pin ....................................................................................................................... 40 mA
Package power dissipation (TA = +50°C, TJ = +150°C)
SC70-6 ..................................................................................................................................................... 480 mW
Storage temperature .............................................................................................................................. -65°C to +150°C
Ambient temperature with power applied .............................................................................................. -40°C to +125°C
ESD protection on all pins ..........................................................................................................................
6 kV (HBM)
.....................................................................................................................................................................
400V (MM)
 1.5 kV (CDM)
Latchup (JEDEC JESD78A) at +125°C ............................................................................................................. ±100 mA
Soldering temperature of leads (10 seconds) ...................................................................................................... +300°C
Maximum Junction Temperature (TJ) .................................................................................................................. +150°C
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com