Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP4716
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 49Page - Microchip Technology MCP4716 Datasheet HTML 50Page - Microchip Technology MCP4716 Datasheet HTML 51Page - Microchip Technology MCP4716 Datasheet HTML 52Page - Microchip Technology MCP4716 Datasheet HTML 53Page - Microchip Technology MCP4716 Datasheet HTML 54Page - Microchip Technology MCP4716 Datasheet HTML 55Page - Microchip Technology MCP4716 Datasheet HTML 56Page - Microchip Technology MCP4716 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 53
MCP47A1
8.6.2
PCB AREA REQUIREMENTS
In some applications, PCB area is a criteria for device
selection.
Table 8-2
shows
the
typical
package
dimensions and area for the different package options.
TABLE 8-2:
PACKAGE FOOTPRINT (1)
8.6.3
PINOUT/FOOTPRINT
COMPATIBILITY
The MCP47A1 has a pinout and footprint compatibility
to the MCP40D18 and MCP4018 devices.
The MCP40D18/MCP4018’s W pin is analogous to the
MCP47A1’s
VOUT
pin,
while
the
MCP40D18/
MCP4018’s A pin is analogous to the MCP47A1’s VREF
pin. The MCP40D18 and MCP47A1 share the same
I2C command protocol structure.
8.6.4
CONNECTING TO I2C BUS USING
PULL-UP RESISTORS
The SCL and SDA pins of the MCP47A1 devices are
open-drain configurations. These pins require a pull-up
resistor as shown in Figure 8-9.
The pull-up resistor values (R1 and R2) for SCL and
SDA pins depend on the operating speed (standard,
fast, and high speed) and loading capacitance of the
I2C bus line. A higher value of the pull-up resistor
consumes less power, but increases the signal
transition time (higher RC time constant) on the bus
line. Therefore, it can limit the bus operating speed.
The lower resistor value, on the other hand, consumes
higher power, but allows higher operating speed. If the
bus line has higher capacitance due to long metal
traces or multiple device connections to the bus line, a
smaller pull-up resistor is needed to compensate the
long RC time constant. The pull-up resistor is typically
chosen between 1 k
and 10 kranges for standard
and fast modes.
8.6.4.1
Device Connection Test
The user can test the presence of the device on the I2C
bus line using a simple I2C command. This test can be
achieved by checking an acknowledge response from
the device after sending a read or write command.
Figure 8-10 shows an example with a read command.
The steps are:
a)
Set the R/W bit “High” in the device’s address
byte.
b)
Check the ACK bit of the address byte.
If the device acknowledges (ACK = 0) the
command, then the device is connected,
otherwise it is not connected.
c)
Send Stop bit.
FIGURE 8-10:
I2C Bus Connection Test.
Package
Package Footprint
Type
Code
Dimensions (mm)
Length
Width
6
SC70
LT
3.10
3.20
9.92
Note 1: Does not include recommended Land
Pattern dimensions. Dimensions are Max
values.
12
34
5
6
7
8
9
SCL
SDA
11
0
1A2 A1 A0 1
Start
Bit
Address Byte
Address bits
Device Code
R/W
Stop
Bit
Device
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com