Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP4716
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 8Page - Microchip Technology MCP4716 Datasheet HTML 9Page - Microchip Technology MCP4716 Datasheet HTML 10Page - Microchip Technology MCP4716 Datasheet HTML 11Page - Microchip Technology MCP4716 Datasheet HTML 12Page - Microchip Technology MCP4716 Datasheet HTML 13Page - Microchip Technology MCP4716 Datasheet HTML 14Page - Microchip Technology MCP4716 Datasheet HTML 15Page - Microchip Technology MCP4716 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
MCP47A1
DS25154A-page 12
 2012 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-5:
DNL vs. Code (00h to 3Fh)
and Temperature.
VDD = 5.5V, VREF = 5.5V, 2.7V, 1.8V, and 1.0V.
FIGURE 2-6:
DNL vs. Code (00h to 3Fh)
and Temperature.
VDD = 2.7V, VREF = 2.7V, 1.8V, and 1.0V.
FIGURE 2-7:
DNL vs. Code (00h to 3Fh)
and Temperature.
VDD = 2.0V, VREF = 2.0V, 1.8V, and 1.0V.
FIGURE 2-8:
DNL vs. Code (00h to 3Fh)
and Temperature.
VDD = 1.8V, VREF = 1.6V, and 1.0V.
0.00
0.25
0.50
40C 5.5V
+25C 5.5V
+85C 5.5V
+125C 5.5V
40C 2.7V
+25C 2.7V
+85C 2.7V
+125C 2.7V
40C 1.8V
+25C 1.8V
+85C 1.8V
+125C 1.8V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
0.50
0.25
0
8
16
24
32
40
48
56
64
DAC Wiper Code
Typical Device
0.00
0.25
0.50
40C 2.7V
+25C 2.7V
+85C 2.7V
+125C 2.7V
40C 1.8V
+25C 1.8V
+85C 1.8V
+125C 1.8V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
0.50
0.25
0
8
16
24
32
40
48
56
64
DAC Wiper Code
Typical Device
0.00
0.25
0.50
40C 2.0V
+25C 2.0V
+85C 2.0V
+125C 2.0V
40C 1.8V
+25C 1.8V
+85C 1.8V
+125C 1.8V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
0.50
0.25
0
8
16
24
32
40
48
56
64
DAC Wiper Code
Typical Device
Analog Performance Specified for VDD ≥ 2.7V.
0.00
0.25
0.50
40C 1.6V
+25C 1.6V
+85C 1.6V
+125C 1.6V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
0.50
0.25
0
8
16
24
32
40
48
56
64
DAC Wiper Code
Typical Device
Analog Performance Specified for VDD ≥ 2.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com