Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP4716
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 40Page - Microchip Technology MCP4716 Datasheet HTML 41Page - Microchip Technology MCP4716 Datasheet HTML 42Page - Microchip Technology MCP4716 Datasheet HTML 43Page - Microchip Technology MCP4716 Datasheet HTML 44Page - Microchip Technology MCP4716 Datasheet HTML 45Page - Microchip Technology MCP4716 Datasheet HTML 46Page - Microchip Technology MCP4716 Datasheet HTML 47Page - Microchip Technology MCP4716 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
MCP47A1
DS25154A-page 44
 2012 Microchip Technology Inc.
7.2
Output Slew Rate
Figure 7-4 shows an example of the slew rate of the
VOUT pin. The slew rate can be affected by the
characteristics of the circuit connected to the VOUT pin.
FIGURE 7-4:
VOUT Pin Slew Rate.
7.2.1
SMALL CAPACITIVE LOAD
With a small capacitive load, the output buffer’s current
is not affected by the capacitive load (CL). But still, the
VOUT pin’s voltage is not a step transition from one
output value (wiper code value) to the next output
value. The change of the VOUT voltage is limited by the
output buffer’s characteristics, so the VOUT pin voltage
will have a slope from the old voltage to the new
voltage. This slope is fixed for the output buffer, and is
referred to as the buffer slew rate (SRBUF).
7.2.2
LARGE CAPACITIVE LOAD
With a larger capacitive load, the slew rate is deter-
mined by two factors:
• The output buffer’s short circuit current (ISC)
•The VOUT pin’s external load
IOUT cannot exceed the output buffer’s short circuit
current (ISC), which fixes the output buffer slew rate
(SRBUF). The voltage on the capacitive load (CL), VCL,
changes at a rate proportional to IOUT, which fixes a
capacitive load slew rate (SRCL).
So the VCL voltage slew rate is limited to the slower of
the output buffer’s internally set slew rate (SRBUF) and
the capacitive load slew rate (SRCL).
7.3
Driving Resistive and Capacitive
Loads
The VOUT pin can drive up to 100 pF of capacitive load
in parallel with a 5 k
 resistive load (to meet electrical
specifications). Figure 2-29 shows the VOUT vs.
Resistive Load.
VOUT drops slowly as the load resistance decreases
after about 3.5 k
 . It is recommended to use a load
with RL greater than 5 k.
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response with overshoot and ringing in the step
response. That is, since the VOUT pin’s voltage does
not quickly follow the buffer’s input voltage (due to the
large capacitive load), the output buffer will overshoot
the desired target voltage. Once the driver detects this
overshoot, it compensates by forcing it to a voltage
below the target. This causes voltage ringing on the
VOUT pin.
So, when driving large capacitive loads with the output
buffer, a small series resistor (RISO) at the output (see
Figure 7-5) improves the output buffer’s stability (feed-
back loop’s phase margin) by making the output load
resistive at higher frequencies. The bandwidth will be
generally lower than the bandwidth with no capacitive
load.
FIGURE 7-5:
Circuit to Stabilize Output
Buffer for Large Capacitive Loads (CL).
The RISO resistor value for your circuit needs to be
selected. The resulting frequency response peaking
and step response overshoot for this RISO resistor
value should be verified on the bench. Modify the
RISO’s resistance value until the output characteristics
meet your requirements.
A method to evaluate the system’s performance is to
inject a step voltage on the VREF pin and observe the
VOUT pin’s characteristics.
Time
Slew Rate =
Wiper = A
VOUT(A)
VOUT(B)
Wiper = B
| VOUT(B) - VOUT(A) |
T
Note:
Additional insight into circuit design for
driving capacitive loads can be found in
AN884 “Driving Capacitive Loads With Op
Amps” (DS00884).
VOUT
Op
Amp
VW
CL
RISO
RL
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com