Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP4716
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 28Page - Microchip Technology MCP4716 Datasheet HTML 29Page - Microchip Technology MCP4716 Datasheet HTML 30Page - Microchip Technology MCP4716 Datasheet HTML 31Page - Microchip Technology MCP4716 Datasheet HTML 32Page - Microchip Technology MCP4716 Datasheet HTML 33Page - Microchip Technology MCP4716 Datasheet HTML 34Page - Microchip Technology MCP4716 Datasheet HTML 35Page - Microchip Technology MCP4716 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
MCP47A1
DS25154A-page 32
 2012 Microchip Technology Inc.
5.2.9
I2C COMMAND PROTOCOL
The MCP47A1 is a slave I2C device which supports 7-
bit slave addressing. The slave address contains seven
fixed bits. Figure 5-9 shows the control byte format.
5.2.9.1
Control Byte (Slave Address)
The Control Byte is always preceded by a START
condition. The Control Byte contains the slave address
consisting of seven fixed bits and the R/W bit. Figure 5-
9 shows the control byte format and Table 5-2 shows
the I2C address for the devices.
FIGURE 5-9:
Slave Address Bits in the
I2C Control Byte.
TABLE 5-2:
DEVICE I2C ADDRESS
5.2.9.2
Hardware Address Pins
The MCP47A1 does not support hardware address
bits.
5.2.10
GENERAL CALL
The General Call is a method that the Master device
can communicate with all other Slave devices.
The MCP47A1 devices do not respond to General Call
address
and
commands,
and
therefore
the
communications are Not Acknowledged.
FIGURE 5-10:
General Call Formats.
S A6A5 A4A3A2 A1A0 R/W A/A
Start
bit
Slave Address
R/W bit
A bit (controlled by slave device)
R/W = 0 = write
R/W = 1 = read
A = 0 = Slave Device Acknowledges byte
A = 1 = Slave Device does not Acknowledge byte
“0” “1” “0” “1” “1” “1” “0”
Device
I2C Address
Binary
Hex (1) Code Comment
MCP47A1
‘0101110’0x5C
A0
‘0111110’0x7C
A1
Note 1: The LSb of the 8-bit hex code is the I2C
Read/Write (R/W) bit. This hex value has
a R/W bit = “0” (write). If the R/W bit
reflected a read, these values would be
0x5D and 0x7D.
Note 1: The MCP47A1 device supports two differ-
ent I2C address (A0 and A1). This allows
two MCP47A1 devices on the same I2C
bus.
0
000
S
000
0
X
X XXX
AX
X
0
AP
General Call Address
Second Byte
“7-bit Command”
Reserved 7-bit Commands (By I2C Specification - NXP specification # UM10204, Ver. 03 16 January 2007)
“0000 011”b
- Reset and write programmable part of slave address by hardware
“0000 010”b
- Write programmable part of slave address by hardware
“0000 000”b
- NOT Allowed
The Following is a “Hardware General Call” Format
0
00
0
S
0
000
X
X XXX
A
XX1A
General Call Address
Second Byte
“7-bit Command”
X
X XXX
XX X
A
P
n occurrences of (Data + A / A)
This indicates a “Hardware General Call”.
MCP47A1 will ignore this byte and
all following bytes (and A), until
a Stop bit (P) is encountered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com