Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB01 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP48CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB01 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP48CMB01 Datasheet HTML 42Page - Microchip Technology MCP48CMB01 Datasheet HTML 43Page - Microchip Technology MCP48CMB01 Datasheet HTML 44Page - Microchip Technology MCP48CMB01 Datasheet HTML 45Page - Microchip Technology MCP48CMB01 Datasheet HTML 46Page - Microchip Technology MCP48CMB01 Datasheet HTML 47Page - Microchip Technology MCP48CMB01 Datasheet HTML 48Page - Microchip Technology MCP48CMB01 Datasheet HTML 49Page - Microchip Technology MCP48CMB01 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
MCP48CXBXX
DS20006160A-page 46
 2019 Microchip Technology Inc.
It is recommended to keep high voltage on only during
the MTP Write command and programming cycle;
otherwise, the reliability of the device could be
affected.
4.2.3
UNIMPLEMENTED LOCATIONS
4.2.3.1
Unimplemented Register Bits
When issuing Read commands to a valid memory
location with unimplemented bits, the unimplemented
bits will be read as ‘0’.
4.2.4
UNIMPLEMENTED (RESERVED)
LOCATIONS
There are a number of unimplemented memory
locations that are reserved for future use. Normal
(Voltage) commands (Read or Write) to any
unimplemented memory address will result in a
Command Error condition (SPI Command Error -
CMDERR).
High-Voltage
commands
to
any
unimplemented configuration bit(s) will also result in a
Command Error condition.
4.2.5
POR/BOR OPERATION WITH
WIPERLOCK TECHNOLOGY
ENABLED
Regardless of the WiperLock Technology state, a POR
event will load the Volatile DACx Wiper register value
with the Nonvolatile DACx Wiper register value. Refer
to Section 4.1 “Power-on Reset/Brown-out Reset
(POR/BOR)” for further information.
TABLE 4-1:
MCP48CXBXX MEMORY MAP (16-BIT)
Function
Function
00h Volatile DAC Wiper Register 0
Y Y
10h Nonvolatile DAC Wiper Register 0
Y Y
01h Volatile DAC Wiper Register 1
—Y
11h Nonvolatile DAC Wiper Register 1
—Y
02h Reserved
— —
12h Reserved
— —
03h Reserved
— —
13h Reserved
— —
04h Reserved
— —
14h Reserved
— —
05h Reserved
— —
15h Reserved
— —
06h Reserved
— —
16h Reserved
— —
07h Reserved
— —
17h Reserved
— —
08h Volatile VREF Register
Y Y
18h Nonvolatile VREF Register
Y Y
09h Volatile Power-Down Register
Y Y
19h Nonvolatile Power-Down
Register
YY
0Ah Volatile Gain and Status
Register
YY
1Ah NV Gain
Y Y
0Bh Reserved
— —
1Bh NV WiperLock™ Technology Register
Y Y
0Ch General Purpose MTP
(1)
1Ch General Purpose MTP
(1)
0Dh General Purpose MTP
(1)
1Dh General Purpose MTP
(1)
0Eh General Purpose MTP
(1)
1Eh General Purpose MTP
(1)
0Fh General Purpose MTP
(1)
1Fh General Purpose MTP
(1)
Legend:
Volatile Memory addresses
MTP Memory addresses
Memory locations not implemented on this device family
Note 1: On nonvolatile memory devices only (MCP48CMBXX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com