Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB01 Datasheet(PDF) 100 Page - Microchip Technology

Part # MCP48CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB01 Datasheet(HTML) 100 Page - Microchip Technology

Back Button MCP48CMB01 Datasheet HTML 96Page - Microchip Technology MCP48CMB01 Datasheet HTML 97Page - Microchip Technology MCP48CMB01 Datasheet HTML 98Page - Microchip Technology MCP48CMB01 Datasheet HTML 99Page - Microchip Technology MCP48CMB01 Datasheet HTML 100Page - Microchip Technology MCP48CMB01 Datasheet HTML 101Page - Microchip Technology MCP48CMB01 Datasheet HTML 102Page - Microchip Technology MCP48CMB01 Datasheet HTML 103Page - Microchip Technology MCP48CMB01 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 106 page
background image
MCP48CXBXX
DS20006160A-page 100
 2019 Microchip Technology Inc.
B.12
Differential Nonlinearity (DNL)
The
Differential
Nonlinearity (DNL)
Error
(see
Figure B-5) is the measure of step size between codes
in actual transfer function. The ideal step size between
codes is 1 LSb. A DNL Error of zero would imply that
every code is exactly 1 LSb wide. If the DNL Error is
less than 1 LSb, the DAC guarantees monotonic output
and no missing codes. Equation B-7 shows how to cal-
culate the DNL Error between any two adjacent codes
in LSb.
EQUATION B-7:
DNL ERROR
FIGURE B-5:
DNL ACCURACY.
B.13
Settling Time
The Settling time is the time delay required for the VOUT
voltage to settle into its new output value. This time is
measured from the start of code transition to when the
VOUT voltage is within the specified accuracy.
For the MCP48CXBXX, the settling time is a measure
of the time delay until the VOUT voltage reaches within
0.5 LSb of its final value, when the volatile DAC register
changes from 1/4 to 3/4 of the FSR (12-bit device: 400h
to C00h).
B.14
Major-Code Transition Glitch
Major-Code transition glitch is the impulse energy
injected into the DAC analog output when the code in
the DAC register changes the state. It is normally
specified as the area of the glitch in nV-Sec and is
measured when the digital code is changed by 1 LSb at
the major carry transition (Example: 011...111 to
100... 000, or 100... 000 to 011 ... 111).
B.15
Digital Feed-Through
The digital feed-through is the glitch that appears at the
analog output caused by coupling from the digital input
pins of the device. The area of the glitch is expressed
in nV-Sec and is measured with a full-scale change
(Example: all 0s to all 1s and vice versa) on the digital
input pins. The digital feed-through is measured when
the DAC is not being written to the output register.
B.16
-3 dB Bandwidth
This is the frequency of the signal at the VREF pin that
causes the voltage at the VOUT pin to fall to -3 dB from
a static value on the VREF pin. The output decreases
due to the RC characteristics of the resistor ladder and
the characteristics of the output buffer.
B.17
Power-Supply Sensitivity (PSS)
PSS indicates how the output of the DAC is affected by
changes in the supply voltage. PSS is the ratio of the
change in VOUT to a change in VDD for mid-scale output
of the DAC. The VOUT is measured while the VDD is
varied from 5.5V to 2.7V as a step (VREF voltage held
constant) and expressed in %/%, which is the %
change of the DAC output voltage with respect to the %
change of the VDD voltage.
EQUATION B-8:
PSS CALCULATION
Where:
DNL is expressed in LSb.
VOUT(Code = n) = The measured DAC output
voltage with a given DAC
register code
VLSb(Measured) = For Measured:
(VOUT(4032) - VOUT(64))/3968
EDNL
VOUT(code = n+1) VOUT(code = n)
–

VLSb Measured

------------------------------------------------------------------------------------1
–
=
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100 101
1
2
3
4
5
6
0
7
DNL = 2 LSb
DNL = 0.5 LSb
110
Ideal Transfer Function
Actual Transfer Function
Where:
PSS is expressed in %/%.
VOUT(@5.5V) = The measured DAC output
voltage with VDD = 5.5V
VOUT(@2.7V) = The measured DAC output
voltage with VDD = 2.7V
PSS
VOUT(@5.5V) VOUT(@2.7V)
–
 V
OUT(@5.5V)
5.5V 2.7V
–
 5.5V

----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com