Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB01 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP48CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB01 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP48CMB01 Datasheet HTML 48Page - Microchip Technology MCP48CMB01 Datasheet HTML 49Page - Microchip Technology MCP48CMB01 Datasheet HTML 50Page - Microchip Technology MCP48CMB01 Datasheet HTML 51Page - Microchip Technology MCP48CMB01 Datasheet HTML 52Page - Microchip Technology MCP48CMB01 Datasheet HTML 53Page - Microchip Technology MCP48CMB01 Datasheet HTML 54Page - Microchip Technology MCP48CMB01 Datasheet HTML 55Page - Microchip Technology MCP48CMB01 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
MCP48CXBXX
DS20006160A-page 52
 2019 Microchip Technology Inc.
Register 4-5 shows the format of the Nonvolatile Gain
Control register. Each DAC has one bit to control the
gain of the DAC.
REGISTER 4-5:
GAIN CONTROL REGISTER (1Ah)
(NONVOLATILE)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-n R/W-n U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
Single
—
—————
G1
G0
—
—
—
—
—
—
—
—
Dual
—
—————
G1
G0
—
—
—
—
—
—
—
—
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single-channel device
= Dual-channel device
Single
Dual
bit 15-10
bit 15-10
Unimplemented: Read as ‘0’
bit 9-8
bit 9-8
GX(1): DAC Output Driver Gain control bits
1 = 2X Gain
0 = 1X Gain
bit 7-0
bit 7-0
Unimplemented: Read as ‘0’
Note 1:
When the DAC Voltage Reference is selected as VDD (VRxB:VRxA = “00”), the DAC’s Gain bit is ignored
and the gain is forced to 1X (GX = “0”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com