Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB01 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP48CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB01 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP48CMB01 Datasheet HTML 58Page - Microchip Technology MCP48CMB01 Datasheet HTML 59Page - Microchip Technology MCP48CMB01 Datasheet HTML 60Page - Microchip Technology MCP48CMB01 Datasheet HTML 61Page - Microchip Technology MCP48CMB01 Datasheet HTML 62Page - Microchip Technology MCP48CMB01 Datasheet HTML 63Page - Microchip Technology MCP48CMB01 Datasheet HTML 64Page - Microchip Technology MCP48CMB01 Datasheet HTML 65Page - Microchip Technology MCP48CMB01 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
MCP48CXBXX
DS20006160A-page 62
 2019 Microchip Technology Inc.
The Power-Down configuration bits (PD1:PD0) control
the power-down operation (Table 5-4).
TABLE 5-4:
POWER-DOWN BITS AND
OUTPUT RESISTIVE LOAD
There is a delay (TPDD) between the PD1:PD0 bits
changing from ‘00’ to either ‘01’, ‘10’ or ‘11’ and the op
amp no longer driving the VOUT output, and the
pull-down resistors sinking current.
In any of the Power-Down modes where the VOUT pin
is not externally connected (sinking or sourcing cur-
rent), as the number of DACs increases, the device’s
power-down current will also increase.
Table 5-6 shows the current sources for the DAC based
on the selected source of the DAC’s reference voltage
and if the device is in normal operating mode or one of
the Power-Down modes.
The power-down bits are modified by using a write
command to the volatile Power-Down register or a
POR
event,
which
transfers
the
nonvolatile
Power-Down Register to the volatile Power-Down
Register.
Section 7.0 “Device Commands” describes the SPI
command for writing the power-down bits.
5.5.1
EXITING POWER-DOWN
The following event changes the PD1:PD0 bits to ‘00’
and therefore exits the Power-Down mode. This is any
SPI Write command where the PD1:PD0 bits are ‘00’.
When the device exits Power-Down mode, the
following occurs:
• Disabled internal circuits are turned on
• Resistor ladder is connected to the selected
reference voltage (VRL)
• Selected pull-down resistor is disconnected
•The VOUT output is driven to the voltage
represented by the volatile DAC register’s value
and configuration bits
DAC Wiper register and DAC Wiper value may be
different due to the DAC Wiper register being modified
while the LAT pin was driven to (and remaining at) VIH.
The VOUT output signal requires time as these circuits
are powered-up and the output voltage is driven to the
specified value as determined by the volatile DAC
register and configuration bits.
PD1
PD0
Function
00
Normal operation
01
1k
 resistor to ground
10
100 k
 resistor to ground
11
Open circuit
TABLE 5-5:
DAC CURRENT SOURCES
Device
VDD
Current
Source
PDxB:xA = ‘00’,
VREFxB:xA =
PDxB:xA
 ‘00’,
VREFxB:xA =
00 01
10
11 00
01
10
11
Output
Op Amp
YY
Y
Y
N
N
N
N
Resistor
Ladder
YY
N(1)
YN
N
N(1)
N
VREF
Selection
Buffer
NY
N
Y
N
N
N
N
Band Gap
N
Y
N
N N(2) Y(2) N(2) N(2)
Note 1:
The current is sourced from the VREF pin,
not the device VDD.
2:
If DAC0 and DAC1 are in one of the
Power-Down modes, MTP write
operations are not recommended.
Note 1: The SPI serial interface circuit is not
affected by the Power-Down mode. This
circuit remains active in order to receive
any command that might come from the
SPI Master device.
Note:
Since the op amp and Resistor Ladder
were powered off (0V), the op amp’s input
voltage (VW) can be considered 0V. There
is a delay (TPDE) between the PD1:PD0
bits updating to ‘00’ and the op amp
driving the VOUT output. The op amp’s
settling time (from 0V) needs to be taken
into account to ensure the VOUT voltage
reflects the selected value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com