Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB01 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP48CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB01 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP48CMB01 Datasheet HTML 5Page - Microchip Technology MCP48CMB01 Datasheet HTML 6Page - Microchip Technology MCP48CMB01 Datasheet HTML 7Page - Microchip Technology MCP48CMB01 Datasheet HTML 8Page - Microchip Technology MCP48CMB01 Datasheet HTML 9Page - Microchip Technology MCP48CMB01 Datasheet HTML 10Page - Microchip Technology MCP48CMB01 Datasheet HTML 11Page - Microchip Technology MCP48CMB01 Datasheet HTML 12Page - Microchip Technology MCP48CMB01 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 9
MCP48CXBXX
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V,
RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD =5.5V, TA =+25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Zero-Scale Error
(Code = 000h)
(see B.5
“Zero-Scale
Error (EZS)”)
EZS
—
—
0.375
LSb
8-bit
VRxB:VRxA = ‘10’, G = ‘0’,
VREF =VDD, No Load.
—
—
1.5
LSb
10-bit
VRxB:VRxA = ‘10’, G = ‘0’,
VREF =VDD, No Load.
—
—
6
LSb
12-bit
VRxB:VRxA = ‘10’, G = ‘0’,
VREF =VDD, No Load.
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = ‘10’, G = ‘1’,
VREF =0.5 X VDD, No Load.
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = ‘01’, G = ‘0’, G = ‘1’,
VDD = 1.8-5.5V, No Load.
Offset Error
(see B.7 “Offset
Error (EOS)”)
EOS
-6
±0.7
+6
mV
VRxB:VRxA = ‘10’, Gx = ‘0’, No Load
8-bit: Code = 4; 10-bit: Code = 16;
12-bit: Code = 64
Offset Voltage
Temperature
Coefficient(2, 9)
VOSTC
—±5
—
µV/°C
Full-Scale Error
(see B.4
“Full-Scale
Error (EFS)”)
EFS
—
—
2.5
LSb
8-bit
VRxB:VRxA = ‘10’, G = ‘0’,
VREF =VDD, No Load.
—
—
9
LSb
10-bit
VRxB:VRxA = ‘10’, G = ‘0’,
VREF =VDD, No Load.
—
—
35
LSb
12-bit
VRxB:VRxA = ‘10’, G = ‘0’,
VREF =VDD, No Load.
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = ‘10’, G = ‘1’,
VREF =0.5 X VDD, No Load.
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = ‘01’, G = ‘0’, G = ‘1’,
VDD = 1.8-5.5V, No Load.
Gain Error
(see B.9 “Gain
Error (EG)”)(7)
EG
-1
±0.1
+1
% of
FSR
8-bit
VRxB:VRxA = ‘10’, G = ‘0’,
Code = 252,
VREF =VDD, No Load
-1
±0.1
+1
% of
FSR
10-bit
VRxB:VRxA = ‘10’, G = ‘0’,
Code = 1008,
VREF =VDD, No Load
-1
±0.1
+1
% of
FSR
12-bit
VRxB:VRxA = ‘10’, G = ‘0’,
Code = 4032,
VREF =VDD, No Load
Gain-Error Drift(2)
(see B.10 “Gain
Error Drift
(EGD)”)(9)
G/°C
—
-6
—
ppm/°C
Note 2 This parameter is ensured by characterization.
Note 7 This gain error does not include the offset error.
Note 9 Code range dependent on resolution: 8-bit, codes 4 to 252; 10-bit, codes 16 to 1008; 12-bit, codes 64 to 4032.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com