Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB21 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP48CMB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB21 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP48CMB21 Datasheet HTML 52Page - Microchip Technology MCP48CMB21 Datasheet HTML 53Page - Microchip Technology MCP48CMB21 Datasheet HTML 54Page - Microchip Technology MCP48CMB21 Datasheet HTML 55Page - Microchip Technology MCP48CMB21 Datasheet HTML 56Page - Microchip Technology MCP48CMB21 Datasheet HTML 57Page - Microchip Technology MCP48CMB21 Datasheet HTML 58Page - Microchip Technology MCP48CMB21 Datasheet HTML 59Page - Microchip Technology MCP48CMB21 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
MCP48CXBXX
DS20006160A-page 56
 2019 Microchip Technology Inc.
5.1
Resistor Ladder
The resistor ladder is a digital potentiometer with the
A Terminal connected to the selected reference voltage
and
the
B Terminal
internally
grounded
(see
Figure 5-2). The volatile DAC register controls the
wiper position. The wiper voltage (VW) is proportional to
the DAC register value divided by the number of resis-
tor elements (RS) in the ladder (256, 1024 or 4096)
related to the VRL voltage.
The output of the resistor network will drive the input of
an output buffer.
The Resistor Network is made up of three parts:
• Resistor Ladder (string of RS elements)
• Wiper switches
• DAC register decode
The resistor ladder has a typical impedance (RRL) of
approximately 71 k
. This resistor ladder resistance
(RRL) may vary from device to device up to ±10%.
Since this is a voltage divider configuration, the actual
RRL resistance does not affect the output, given a fixed
voltage at VRL.
Equation 5-1 shows the calculation for the step
resistance.
If the unbuffered VREF pin is used as the VRL voltage
source, the external voltage source should have a low
output impedance.
When the DAC is powered down, the resistor ladder is
disconnected from the selected reference voltage.
EQUATION 5-1:
RS CALCULATION
FIGURE 5-2:
Resistor Ladder Model
Block Diagram.
Note:
The maximum wiper position is 2n –1,
while the number of resistors in the
resistor ladder is 2n. This means that
when the DAC register is at full scale,
there is one resistor element (RS)
between the wiper and the VRL voltage.
RS
RRL
256

--------------
=
RS
RRL
1024

------------------
=
8-bit Device
10-bit Device
RS
RRL
4096

------------------
=
12-bit Device
VW
Analog Mux
Note 1: The analog switch resistance (RW)
does not affect performance due to the
voltage divider configuration.
RS(2)
DAC
Register
RS(1)
RS(2n - 1)
RS(2n - 2)
RS(2n - 3)
RS(2n)
VRL
RRL
RW (1)
RW (1)
RW (1)
RW (1)
RW (1)
RW (1)
2n - 1
2n - 2
1
0
2
2n - 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com